Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78071 Datasheet(PDF) 13 Page - Lowpower Semiconductor inc

Part # LP78071
Description  Programmable Charge Current Up to 1000mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78071 Datasheet(HTML) 13 Page - Lowpower Semiconductor inc

Back Button LP78071 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 10Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 11Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 16Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Datasheet
LP78071
LP78071 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com Page 13 of 16
Example: Consider the extreme case when an LP78071 is
operating from a 6V supply providing 250mA to a 3V Li-Ion
battery, the switching regulator and the LDO are off. The
ambient temperature above which the LP78071 will begin to
reduce the 250mA charge current is approximately:
(Correctly soldered to a 2500mm2 double-sided 1 oz.
copper board, the LP78071 has a thermal resistance of
approximately 43°C/W.)
T =
If there is more power dissipation due to the switching
regulator or the LDO, the thermal regulation will kick in at a
somewhat lower temperature than this. In the above
circumstances, the LP78071 can be used above 82.75°C, but
the charge current will be reduced from 250mA. The
approximate current at a given ambient temperature can be
calculated:
Note: 1V = 1J/C = 1W/A
Furthermore, the voltage at the ISET pin will change
proportionally with the charge current as discussed in the
ISET ramming Charge Current section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com