Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP708 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP708
Description  1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP708 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP708 Datasheet HTML 1Page - ON Semiconductor NCP708 Datasheet HTML 2Page - ON Semiconductor NCP708 Datasheet HTML 3Page - ON Semiconductor NCP708 Datasheet HTML 4Page - ON Semiconductor NCP708 Datasheet HTML 5Page - ON Semiconductor NCP708 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NCP708
www.onsemi.com
2
Figure 2. Simplified Internal Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
EN
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator
into shutdown mode.
2
GND
Power supply ground.
3
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
4
OUT
Regulated output voltage. A minimum 4.7
mF ceramic capacitor is needed from this pin to ground to
assure stability.
5
OUT_S
Output voltage sense connection. This pin should be connected to the output voltage rail.
6
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
−
Exposed
Pad
This pad enhances thermal performance and is electrically connected to GND. It is recommended
that the exposed pad is connected to the ground plane on the board or otherwise left open.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com