Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP708 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP708
Description  1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP708 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP708 Datasheet HTML 1Page - ON Semiconductor NCP708 Datasheet HTML 2Page - ON Semiconductor NCP708 Datasheet HTML 3Page - ON Semiconductor NCP708 Datasheet HTML 4Page - ON Semiconductor NCP708 Datasheet HTML 5Page - ON Semiconductor NCP708 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 1
1
Publication Order Number:
NCP708/D
NCP708
1 A, 1% Precision Very Low
Dropout Voltage Regulator
with Enable
The NCP708 is a Very Low Dropout Regulator which provides up to
1 A of load current and maintains excellent output voltage accuracy of
1.5% including line, load and temperature variations. The operating
input voltage range from 2.4 V up to 5.5 V makes this device suitable
for Li−ion battery powered products as well as post−regulation
applications. The product is available in 3.3 V fixed output voltage
option. Other voltage options are possible on request. NCP708 is fully
protected against overheating and output short circuit.
Small 6−pin UDFN6 3x3 package makes the device especially
suitable for space constrained applications.
Features
• Operating Input Voltage Range: 2.4 V to 5.5 V
• Fixed Output Voltage Option: 3.3 V
Other Output Voltage Options Available on Request.
• Low Quiescent Current of Typ. 200 mA
• Very Low Dropout: 250 mV Max. at IOUT = 1 A
• ±1.5% Accuracy Over Load/Line/Temperature
• High PSRR: 70 dB at 1 kHz
• Internal Soft−Start to Limit the Inrush Current
• Thermal Shutdown and Current Limit Protections
• Stable with a 4.7 mF Ceramic Output Capacitor
• Available in UDFN6 3x3 mm Package
• These are Pb−Free Devices
Typical Applications
• Hard−Drives, SSDs
• Servers, Networking Equipment
• Telecom Equipment
• Battery Powered Applications
Figure 1. Typical Application Schematic
NCP708
IN
EN
OUT
GND
OFF
ON
VOUT = 3.3 V @ 1 A
COUT
4.7
mF
Ceramic
CIN
VIN = 3.6 − 5.5 V
SNS
UDFN6
CASE 517DD
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
708
330
ALYW
G
G
1
PIN CONNECTION
1
2
3
6
5
4
(Top View)
EN
GND
N/C
IN
OUT_s
OUT


Similar Part No. - NCP708

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP708

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
logo
Semtech Corporation
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com