Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP708 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP708
Description  1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP708 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP708 Datasheet HTML 1Page - ON Semiconductor NCP708 Datasheet HTML 2Page - ON Semiconductor NCP708 Datasheet HTML 3Page - ON Semiconductor NCP708 Datasheet HTML 4Page - ON Semiconductor NCP708 Datasheet HTML 5Page - ON Semiconductor NCP708 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NCP708
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 3.3 V
−40
°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 0.3 V or 2.4 V, whichever is greater; IOUT = 10 mA, CIN = COUT = 4.7 mF, VEN = 0.9 V, unless
otherwise noted. Typical values are at TJ = +25°C. (Note 3)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.4
5.5
V
Undervoltage lock−out
VIN rising
UVLO
1.2
1.6
1.9
V
Output Voltage Accuracy
VOUT + 0.3 V ≤ VIN ≤ 5.25 V, IOUT = 0 – 1 A
VOUT
3.25
3.3
3.35
V
Line Regulation
VOUT + 0.3 V ≤ VIN ≤ 5.25 V, IOUT = 10 mA
RegLINE
2
mV
Load Regulation
IOUT = 0 mA to 1 A
RegLOAD
2
mV
Load Transient
Any 200 mA load step from IOUT = 10 mA to
1A or 10 mA to 1 A in 10
ms, COUT = 10 mF
TranLOAD
±60
mV
Dropout voltage (Note 4)
IOUT = 1 A, VOUT(nom) = 3.3 V
VDO
220
330
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
1.1
A
Quiescent current
IOUT = 0 mA
IQ
180
230
mA
Ground current
IOUT = 1 A
IGND
200
mA
Shutdown current
VEN ≤ 0 V, VIN = 2.0 to 5.5 V
0.1
1
mA
Reverse Leakage Current
in Shutdown
VIN = 5.5 V, VOUT = VOUT(NOM),
VEN < 0.4 V
IREV
1.5
5
mA
EN Pin High Threshold
EN Pin Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−on Time
COUT = 4.7 mF,
from assertion EN pin to 98% Vout(nom)
tON
200
ms
Power Supply Rejection Ratio
VIN = 3.8 V,
VOUT = 3.3 V
IOUT = 0.1 A
f = 1 kHz
PSRR
70
dB
Output Noise Voltage
VOUT = 3.3 V, VIN = 3.6 V, IOUT = 0.1 A
f = 200 Hz to 100 kHz
VNOISE
100
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
−
20
−
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.3 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com