Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL30T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP500SQL30T1G
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL30T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP500SQL30T1G Datasheet HTML 1Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 2Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 3Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 4Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 5Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 6Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 7Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 8Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 22
1
Publication Order Number:
NCP500/D
NCP500, NCV500
150 mA CMOS Low Noise
Low-Dropout Voltage
Regulator
The NCP500 series of fixed output low dropout linear regulators are
designed for portable battery powered applications which require low
noise operation, fast enable response time, and low dropout. The
device achieves its low noise performance without the need of an
external noise bypass capacitor. Each device contains a voltage
reference unit, an error amplifier, a PMOS power transistor, and
resistors for setting output voltage, and current limit and temperature
limit protection circuits.
The NCP500 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 1.0
mF.
Features
• Ultra−Low Dropout Voltage of 170 mV at 150 mA
• Fast Enable Turn−On Time of 20 msec
• Wide Operating Voltage Range of 1.8 V to 6.0 V
• Excellent Line and Load Regulation
• High Accuracy Output Voltage of 2.5%
• Enable Can Be Driven Directly by 1.0 V Logic
• Typical RMS Noise Voltage 50 mV with No Bypass Capacitor
(BW = 10 Hz to 100 kHz)
• Very Small DFN 2x2.2 Package
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These are Pb−Free Devices
Typical Applications
• Noise Sensitive Circuits − VCO’s, RF Stages, etc.
• SMPS Post−Regulation
• Hand−Held Instrumentation
• Camcorders and Cameras
Driver w/
Current
Limit
Vin
Vout
Thermal
Shutdown
Enable
GND
OFF
ON
1 (3)
3 (1)
5 (4)
2 (2, 5)
Figure 1. Simplified Block Diagram
NOTE: Pin numbers in parenthesis indicate DFN package.
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS AND
MARKING DIAGRAMS
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
xxx = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top View)
TSOP−5
DFN 2x2.2 MM
SQL SUFFIX
CASE 506BA
1
3
N/C
Vin
2
GND
Enable
4
Vout
5
6
GND
(Top View)
www.onsemi.com
xxM
DFN 2x2.2 mm
xx
= Specific Device Code
M
= Date Code
1
6


Similar Part No. - NCP500SQL30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500SQL30T1G ONSEMI-NCP500SQL30T1G Datasheet
142Kb / 20P
150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
More results

Similar Description - NCP500SQL30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
150-mA Low Noise, Low Dropout Regulator
22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
logo
ON Semiconductor
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com