Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL30T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP500SQL30T1G
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL30T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP500SQL30T1G Datasheet HTML 7Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 8Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 9Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 10Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 11Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 12Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 13Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 14Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP500, NCV500
www.onsemi.com
11
2
1
2.5
0.5
1.5
0
3
0
1.2
1.8
4
1
1.6
5
3
26
Vin, Input Voltage (V)
0.8
1.4
0.6
1
Vin, Input Voltage (V)
0
3.5
3
2.5
2
4
3
2
1.5
1
0.5
0
15
6
7
Vin, Input Voltage (V)
Cin = 1 mF
Cout = 1 mF
TA = 25°C
VEnable = Vin
2
04
5
3
26
1
0.4
0.2
0
Cin = 1 mF
Cout = 1 mF
TA = 25°C
VEnable = Vin
Cin = 1 mF
Cout = 1 mF
TA = 25°C
VEnable = Vin
Figure 24. Output Voltage vs. Input Voltage
Figure 25. Output Voltage vs. Input Voltage
Figure 26. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com