Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL30T1G Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP500SQL30T1G
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL30T1G Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP500SQL30T1G Datasheet HTML 9Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 10Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 11Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 12Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 13Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 14Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 15Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 16Page - ON Semiconductor NCP500SQL30T1G Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NCP500, NCV500
www.onsemi.com
13
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If TJ is not recommended to exceed 125
°C, then the
NCP500 can dissipate up to 400 mW @ 25
°C.
The power dissipated by the NCP500 can be calculated
from the following equation:
Ptot + Vin *Ignd (Iout) ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If a 150 mA output current is needed the ground current
is extracted from the data sheet curves: 200
mA @ 150 mA.
For a NCP500SN18T1 (1.8 V), the maximum input voltage
will then be 4.4 V, good for a 1 Cell Li−ion battery.
Hints
Please be sure the Vin and GND lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short
as possible.
Package Placement
DFN packages can be placed using standard pick and
place equipment with an accuracy of
"0.05 mm.
Component pick and place systems are composed of a vision
system that recognizes and positions the component and a
mechanical system which physically performs the pick and
place operation. Two commonly used types of vision
systems are: (1) a vision system that locates a package
silhouette and (2) a vision system that locates individual
bumps on the interconnect pattern. The latter type renders
more accurate place but tends to be more expensive and time
consuming. Both methods are acceptable since the parts
align due to a self−centering feature of the DFN solder joint
during solder re−flow.
Solder Paste
Type 3 or Type 4 solder paste is acceptable.
Re−flow and Cleaning
The DFN may be assembled using standard IR/IR
convection SMT re−flow processes without any special
considerations. As with other packages, the thermal profile
for specific board locations must be determined. Nitrogen
purge is recommended during solder for no−clean fluxes.
The DFN is qualified for up to three re−flow cycles at 235
°C
peak (J−STD−020). The actual temperature of the DFN is a
function of:
Component density
Component location on the board
Size of surrounding components
Figure 27. Typical Application Circuit
Vout
Battery or
Unregulated
Voltage
C1
C2
OFF
ON
1
2
3
5
4
+
+
Figure 28. Typical Application Circuit
Vout
Battery or
Unregulated
Voltage
+
C1
OFF
ON
1
3
2
4
5
6
+
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com