Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1208 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCP1208
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1208 Datasheet(HTML) 2 Page - ON Semiconductor

  PCP1208 Datasheet HTML 1Page - ON Semiconductor PCP1208 Datasheet HTML 2Page - ON Semiconductor PCP1208 Datasheet HTML 3Page - ON Semiconductor PCP1208 Datasheet HTML 4Page - ON Semiconductor PCP1208 Datasheet HTML 5Page - ON Semiconductor PCP1208 Datasheet HTML 6Page - ON Semiconductor PCP1208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PCP1208
No.1836-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.35A, IB=35mA
115
200
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.35A, IB=35mA
0.82
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
220
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
8
V
Turn-On Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
2
μs
Fall Time
tf
70
ns
Switching Time Test Circuit
RB
VCC=100V
IC=10IB1= --10IB2=0.3A
+
50Ω
INPUT
OUTPUT
RL
820μF
PW=50μs
IB1
D.C.≤1%
IB2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com