Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1208 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCP1208
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1208 Datasheet(HTML) 3 Page - ON Semiconductor

  PCP1208 Datasheet HTML 1Page - ON Semiconductor PCP1208 Datasheet HTML 2Page - ON Semiconductor PCP1208 Datasheet HTML 3Page - ON Semiconductor PCP1208 Datasheet HTML 4Page - ON Semiconductor PCP1208 Datasheet HTML 5Page - ON Semiconductor PCP1208 Datasheet HTML 6Page - ON Semiconductor PCP1208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PCP1208
No.1836-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
IT15952
0
1.0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.9
0.7
0
0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.8
0.9
1.0
IB=0mA
2mA
4mA
6mA
8mA
10mA
20mA
30mA
40mA
50mA
60mA
80mA
IT15953
010
1
4
56789
3
2
0
0.02
0.14
0.12
0.10
0.08
0.06
0.04
0.16
0.18
0.20
IB=0μA
200
μA
100
μA
300μA
400μA
500μA
100mA
600
μA
1mA
700
μA
IT15955
2
10
100
1.0
3
5
7
2
3
5
7
1000
2
3
5
7
0.01
3
25
0.1
1.0
73
25
7
Ta=75
°C
25
°C
VCE=5V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
IT15954
0.4
0.3
0.1
0.2
0.9
0.8
0.7
0.6
0.5
1.0
VCE=5V
--25
°C
Cob -- VCB
VCE(sat) -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
fT -- IC
0.1
1.0
23
5 7
2
10
100
35 7
2
35 7
5
3
2
7
10
5
7
100
1.0
3
2
IT15958
IT15959
0.1
0.01
7
5
3
2
1.0
7
5
3
2
0.1
1.0
0.01
2
3
5
7
2
3
5
7
Ta=75
°C
25°
C
--25°
C
IC / IB=10
IT15957
0.01
0.1
23
5
7
23
5
1.0
7
5
3
10
2
7
100
1000
7
5
3
2
VCE=10V
IT15956
10
1.0
3
5
7
2
100
3
5
7
2
100
3
5
7
2
0.01
3
25
7
3
25
7
1.0
0.1
Ta=25
°C
0.5V
2.0V
f=1MHz
1.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com