Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1208 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCP1208
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1208 Datasheet(HTML) 4 Page - ON Semiconductor

  PCP1208 Datasheet HTML 1Page - ON Semiconductor PCP1208 Datasheet HTML 2Page - ON Semiconductor PCP1208 Datasheet HTML 3Page - ON Semiconductor PCP1208 Datasheet HTML 4Page - ON Semiconductor PCP1208 Datasheet HTML 5Page - ON Semiconductor PCP1208 Datasheet HTML 6Page - ON Semiconductor PCP1208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PCP1208
No.1836-4/7
VBE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Ambient Temperature, Ta --
°C
A S O
0.1
0.01
7
5
3
27
5
3
2
1.0
1.0
0.1
2
3
5
7
IT15961
IC / IB=10
Ta= --25°C
75°C
IT15960
0.1
0.01
7
5
3
2
1.0
7
5
3
2
0.1
10
0.01
2
3
5
7
1.0
2
3
5
7
2
3
5
7
Ta=75
°C
25°C
--25°C
IC / IB=20
25°C
IT15963
25
0
50
75
100
150
125
175
0
0.6
0.4
0.2
0.8
1.0
1.2
1.3
1.4
When mounted on ceramic substrate
(450mm2
×0.8mm)
IT16014
0.001
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
10
1.0
1.0
0.01
2
2
5
370.1 2
5
37
1000
25
37
10
25
37
100
5
37
ICP=2A
IC=0.7A
100ms 1ms
<10
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (450mm2
×0.8mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com