Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069CCUD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1069CCUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069CCUD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1069CCUD Datasheet HTML 4Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 5Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 6Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 7Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 8Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 9Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 10Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 11Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to
REF, REFADJ = AVDD, CREF = 10µF, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. CONVERSION RATE
(HIGH-SPEED MODE, INTERNAL REFERENCE)
CONVERSION RATE (ksps)
60
50
30
40
20
10
200
400
600
800
1000
1200
1400
1600
1800
2000
0
070
INTERNAL REFERENCE, fSCL = 1.7MHz
IAVDD, R/W = 1
IAVDD, R/W = 0
IDVDD, R/W = 1 OR 0
100
200
300
400
500
600
700
800
900
0
SUPPLY CURRENT vs. CONVERSION RATE
(HIGH-SPEED MODE, EXTERNAL REFERENCE)
CONVERSION RATE (ksps)
60
50
30
40
20
10
070
EXTERNAL REFERENCE, fSCL = 1.7MHz
IDVDD, R/W = 1 OR 0
IAVDD, R/W = 1 OR 0
SUPPLY CURRENT vs. CONVERSION RATE
(FAST MODE, INTERNAL REFERENCE)
CONVERSION RATE (ksps)
20
15
10
5
200
400
600
800
1000
1200
1400
1600
1800
0
025
INTERNAL REFERENCE, fSCL = 400kHz
IAVDD, R/W = 1
IAVDD, R/W = 0
IDVDD, R/W = 1 OR 0
100
200
300
400
500
600
0
SUPPLY CURRENT vs. CONVERSION RATE
(FAST MODE, EXTERNAL REFERENCE)
CONVERSION RATE (ksps)
20
15
10
5
025
EXTERNAL REFERENCE, fSCL = 400kHz
IDVDD, R/W = 1 OR 0
IAVDD, R/W = 1 OR 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com