Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069CCUD Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1069CCUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069CCUD Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1069CCUD Datasheet HTML 12Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 13Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 14Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 15Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 16Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 17Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 18Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 19Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Internal Reference
The MAX1069 contains an internal 4.096V bandgap ref-
erence. This bandgap reference is connected to
REFADJ through a 5k
Ω resistor. Bypass REFADJ with a
0.1µF capacitor to AGND. The MAX1069 reference
buffer has a unity gain to provide +4.096V at REF.
Bypass REF with a 10µF capacitor to AGND when the
internal reference is used (Figure 12).
The internal reference is adjustable to ±1.5% using the
Figure 13 circuit.
External Reference
For external reference operation, disable the internal
reference by connecting REFADJ to AVDD. During con-
version, an external reference at REF must deliver up to
100µA of DC load current and have an output imped-
ance of less than 10
Ω.
For optimal performance, buffer the reference through
an op amp and bypass REF with a 10µF capacitor.
Consider the MAX1069’s equivalent input noise
(80µVRMS) when choosing a reference.
Transfer Function
The MAX1069 has a standard unipolar transfer function
with a valid analog input voltage range from VAGNDS to
VREF. Output data coding is binary with 1LSB =
(VREF/2N) where ‘N’ is the number of bits (14). Code
transitions occur halfway between successive-integer
LSB values. Figure 14 shows the MAX1069 input/output
(I/O) transfer function.
Input Buffer
Most applications require an input buffer amplifier to
achieve 14-bit accuracy. If the input signal is multi-
plexed, the input channel should be switched immedi-
ately after acquisition, rather than near the end of or
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
______________________________________________________________________________________
17
Figure 12. Internal Reference
4.096V
BANDGAP
REFERENCE
5k
Ω
SAR
ADC
REF
0.1
µF
10
µF
REF
REFADJ
4.096V
AGND
DGND
AV = 1.0
12
13
9
1
MAX1069
Figure 13. Adjusting the Internal Reference
4.096V
BANDGAP
REFERENCE
5k
Ω
SAR
ADC
REF
0.1
µF
10
µF
REF
REFADJ
4.096V
AGND
DGND
AV = 1.0
12
13
9
1
MAX1069
0.1
µF
150k
Ω
100k
Ω
POTENTIOMETER
68k
Ω
AVDD
5.0V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com