Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069CCUD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1069CCUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069CCUD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1069CCUD Datasheet HTML 5Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 6Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 7Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 8Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 9Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 10Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 11Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 12Page - Maxim Integrated Products MAX1069CCUD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
_______________________________________________________________________________________
9
INTERNAL +4.096V REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.15
5.05
4.95
4.85
4.080
4.085
4.090
4.095
4.100
4.075
4.75
5.25
DVDD = 3V
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
INTERNAL REFERENCE VOLTAGE
vs. REF LOAD
IREF (mA)
5
4
3
2
1
3.95
4.00
4.05
4.10
4.20
3.90
06
fSCL = 0
INTERNAL REFERENCE MODE
LOAD APPLIED TO REF
4.15
5
10
15
20
25
30
35
0
EXTERNAL REFERENCE CURRENT
vs. EXTERNAL REFERENCE VOLTAGE
VREF (V)
5
4
3
2
1
06
AIN = AGNDS
58.6ksps
fSCL = 1.7MHz
19ksps
fSCL = 400kHz
EXTERNAL REFERENCE CURRENT AND
REFERENCE VOLTAGE vs. VREFADJ
MAX1069 toc15
VREFADJ (V)
4.20
4.15
4.10
4.05
4.00
-20
-10
0
10
20
30
-30
4.00
4.05
4.10
4.15
4.20
4.25
3.95
3.95
4.25
AIN = AGNDS
IREFADJ
VREF
Typical Operating Characteristics (continued)
(DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to
REF, REFADJ = AVDD, CREF = 10µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com