Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTS Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS
Description  Excellent for high density applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
 
 
 
Rev. 7d
 
Polymeric PTC
MERITEK
MPTS Series
(Low Rho)
ELECTRICAL CHARACTERISTICS (23º)
MPTS1206
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
E223037
R50223766
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX,
VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
MPTS1206L050RZ
0.50
1.50
6
100
0.8
8.0
0.20
0.025
0.200
●
●
MPTS1206L075RZ
0.75
1.80
6
100
0.8
8.0
0.30
0.018
0.180
●
●
MPTS1206L110RZ
1.10
2.20
6
100
0.8
8.0
0.30
0.015
0.100
●
●
MPTS1206L150RZ
1.50
3.00
6
100
0.8
8.0
0.30
0.010
0.065
●
●
MPTS1206L175RZ
1.75
3.50
6
100
0.8
8.0
0.40
0.005
0.030
MPTS1206L200RZ
2.00
4.00
6
100
0.8
8.0
0.50
0.005
0.025
●
●
MPTS1206L260RZ
2.60
5.20
6
100
0.8
8.0
4.00
0.003
0.026
MPTS1206L300RZ
3.00
6.00
6
100
0.8
8.0
4.00
0.003
0.020
MPTS1206L350RZ
3.50
7.00
6
100
0.8
8.0
5.00
0.003
0.018
MPTS1206L380RZ
3.80
8.00
6
100
0.8
8.0
5.00
0.002
0.014
MPTS1206L450RZ
4.50
9.00
6
100
0.8
22.5
2.00
0.001
0.014
MPTS1206L500RZ
5.00
10.00
6
100
0.8
25.0
5.00
0.002
0.010
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour post trip.
Termination pad characteristics
Termination pad materials: Pure Tin
PRODUCT DIMENSIONS (MILLIMETERS)
MPTS1206
Part
Number
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
MPTS1206L050RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L075RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L110RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L150RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L175RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L200RZ
3.00
3.50
1.50
1.80
0.40
0.75
0.25
0.75
0.10
0.45
MPTS1206L260RZ
3.00
3.50
1.50
1.80
0.60
1.00
0.25
0.75
0.10
0.45
MPTS1206L300RZ
3.00
3.50
1.50
1.80
0.60
1.00
0.25
0.75
0.10
0.45
MPTS1206L350RZ
3.00
3.50
1.50
1.80
0.60
1.00
0.25
0.75
0.10
0.45
MPTS1206L380RZ
3.00
3.50
1.50
1.80
0.60
1.00
0.25
0.75
0.10
0.45
MPTS1206L450RZ
3.00
3.50
1.50
1.80
0.60
1.00
0.25
0.75
0.10
0.45
MPTS1206L500RZ
3.00
3.50
1.50
1.80
0.80
1.40
0.25
0.75
0.10
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com