Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTS Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS
Description  Excellent for high density applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MPTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 
 
 
Rev. 7d
 
Polymeric PTC
MERITEK
MPTS Series
(Low Rho)
TYPICAL TIME-TO-TRIP AT 23ºC
The dimension in the table below provides the recommended pad layout for each MPTS0603 device.
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/second max.
Preheat :
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150 °C
200 °C
60-180 seconds
Time maintained above:
Temperature(TL)
Time (tL)
217 °C
60-150 seconds
Peak/Classification Temperature(Tp) :
260 °C
Time within 5°C of actual Peak :
Temperature (tp)
20-40 seconds
Ramp-Down Rate :
6 °C/second max.
Time 25 °C to Peak Temperature :
8 minutes max.
A = MPTS0603L025RZ
B = MPTS0603L035RZ
C = MPTS0603L050RZ
D = MPTS0603L075RZ
E = MPTS0603L100RZ
Pad dimensions (millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
All 0603 Series
0.80
0.60
0.80
Solder reflow
Due to “Lead Free” nature, Temperature
and Dwell time for the soldering zone is
higher than those for Non-compliant parts.
This may cause damage to other
components.
Recommended max solder paste thickness
> 0.25mm.
Devices can be cleaned using standard
methods and aqueous solvent.
Rework should utilize standard industry
practices. These changes should apply to
all notes for each case size.
Storage Environment : < 30ºC / 60%RH
Caution:
If reflow temperatures exceed the
recommended profile, devices may not
meet the performance requirements.
Devices are not designed to be wave
soldered to the bottom side of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com