Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS
Description  Excellent for high density applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 
 
 
Rev. 7d
 
Polymeric PTC
MERITEK
MPTS Series
(Low Rho)
 
FEATURE AND APPLICATIONS
 ROHS Compliant & Halogen Free
 Excellent for high density applications
 Surface Mount, 0603, 0805, 1206, 1210, 1812
 Faster time to trip than standard SMD devices
 Lower resistance than standard SMD devices
 Operation Current: 0.75A ~ 3.70A
 Maximum Voltage: 6V
 Temperature Range: -40ºC to 85ºC
TYPICAL APPLICATIONS
Battery Pack for Tablet PC & Smart Phone
Battery Pack for Toy
Battery Pack for GPS
Battery Cell
Power Bank
PCM (Protection Circuit Module)
USB port of smart phone and tablet PC
PART NUMBERING SYSTEM
ELECTRICAL CHARACTERISTICS (23ºC)
MPTS0603
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Max Time to Trip
Resistance
E223037 R50223766
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec
Ohms
Ohms
MPTS0603L025RZ
0.25
0.55
9
100
0.5
8.0
0.08
0.500
3.000
●
MPTS0603L035RZ
0.35
0.75
6
100
0.5
8.0
0.10
0.200
1.000
●
MPTS0603L050RZ
0.50
1.00
6
100
0.6
8.0
0.10
0.070
0.350
●
MPTS0603L075RZ
0.75
1.50
6
100
0.6
8.0
0.20
0.050
0.250
●
MPTS0603L100RZ
1.00
1.80
6
100
0.6
8.0
0.30
0.040
0.120
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air environment.
RMIN=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour post trip.
Termination pad characteristics
Termination pad materials: Pure Tin
MPTS
0805
L
10
R
Z
Meritek Series
Size
0603
0805
1206
1210
1812
Current rating
Semi-circular Termination
Lo Rho Series
Note: Due to its material property, Low Rho series are ONLY suitable for
Short lifecycle product, such as Powerbank, Rechargeable battery,
Smart Phone, Tablet PC. It is not suitable for Medium-Long lifecycle
products, such as Automotive, Equipment, Medical, Aerospace, Military,


Similar Part No. - MPTS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MPTS ILLINOISCAPACITOR-MPTS Datasheet
422Kb / 3P
High Capacitance ??High Voltage - Low Profile
logo
MERITEK ELECTRONICS COR...
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
Polymeric PTC
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
Polymeric PTC
MPTS0805L010 MERITEK-MPTS0805L010 Datasheet
453Kb / 20P
Polymeric PTC
MPTS0805L010R MERITEK-MPTS0805L010R Datasheet
453Kb / 20P
Polymeric PTC
More results

Similar Description - MPTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
Miniature size for high density applications
logo
Cooper Bussmann, Inc.
HC2LP-2R2-R COOPER-HC2LP-2R2-R Datasheet
187Kb / 2P
Compact footprint for high density, high current/low voltage applications
logo
KOA Speer Electronics, ...
KL731JTTE8N2G KOA-KL731JTTE8N2G Datasheet
545Kb / 4P
Excellent for high frequency applications
logo
Allied Components Inter...
PCEC1708 ALLIED-PCEC1708 Datasheet
2Mb / 2P
Excellent for High Current Applications
logo
ALPS ELECTRIC CO.,LTD.
SSSS2 ALPS-SSSS2_15 Datasheet
1Mb / 7P
Excellent application for designing compact and high density portable devices
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com