Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-5013 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5013
Description  3-ch RTD Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5013 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5013 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
3-ch RTD Input Module
8-ch Analog Input Module
8-ch Analog Input Module with
Independent Input Range
ADAM-5013
ADAM-5017
ADAM-5017P
ADAM-5013
ADAM-5017
Specifications
General
ƒ
Certification
CE
ƒ
Connectors
1 x Plug-in screw terminal
(# 14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption 1.1 W (max.)
RTD Input
ƒ
Accuracy
±0.1% or better
ƒ
Bandwidth
13.1 Hz @ 50 Hz
15.72 Hz @ 60 Hz
ƒ
Channels
3
ƒ
CMR @ 50/60 Hz
150 dB
ƒ
Input Connections
2, 3 or 4 wire
ƒ
Input Impedance
2 M
Ω
ƒ
lnput Type
PT100 or Ni RTD
ƒ
NMR @ 50/60 Hz
100 dB
ƒ
Resolution
16-bit
ƒ
RTD Types and Temperature Ranges
IEC RTD 100 ohms
Pt
-100°C
to
+100°C
a=0.00385
Pt
0°C
to
+100°C
a=0.00385
Pt
0°C
to
+200°C
a=0.00385
Pt
0°C
to
+600°C
a=0.00385
JIS RTD 100 ohms
Pt
-100°C
to
+100°C
a=0.00392
Pt
0°C
to
+100°C
a=0.00392
Pt
0°C
to
+200°C
a=0.00392
Pt
0°C
to
+600°C
a=0.00392
Ni RTD
Ni
-80°C
to
+100°C
Ni
0°C
to
+100°C
ƒ
Sampling Rate
10 samples/sec. (total)
ƒ
Span Drift
±0.01°C/°C
ƒ
Zero Drift
±0.015°C/°C
Protection
ƒ
Isolation Voltage
3000 VDC
Ordering Information
ƒ
ADAM-5013
3-ch RTD Input Module
Specifications
General
ƒ
Certification
CE, FM
ƒ
Connectors
1 x Plug-in screw terminal
(# 14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption 1.25 W (max.)
Analog Input
ƒ
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
ƒ
Bandwidth
13.1 Hz @ 50 Hz
15.72 Hz @ 60 Hz
ƒ
Channels
8 differential
ƒ
CMR @ 50/60 Hz
92 dB min.
ƒ
Input Impedance
Voltage: 2 M
Ω
Current: 120
Ω (Build-in
120
Ω resistor for Current
input)
ƒ
lnput Range
±150 mV, ±500 mV, ±1 V,
±5 V, ±10 V; ±20 mA
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 samples/sec. (total)
ƒ
Span Drift
±25 PPM/°C
ƒ
Zero Drift
±6 μV/°C
Protection
ƒ
Isolation Voltage
3,000 VDC
ƒ
Fault and
Withstands overvoltage
Overvoltage
up to ±35 V
Protection
Note: The voltage difference between any two pins
must not exceed ±15 V
Ordering Information
ƒ
ADAM-5017
8-ch Analog Input Module
ADAM-5017P
Specifications
General
ƒ
Certification
CE, FCC Class A
ƒ
Connectors
1 x Plug-in terminal block
(#14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption 1.25 W (max.)
Analog Input
ƒ
Accuracy
Voltage mode : ±0.1% or
better
Current mode : ±0.2% or
better
ƒ
Channels
8 (differential, each channel
can be configured with
different range)
ƒ
CMR @ 50/60 Hz
92 dB min.
ƒ
Input Impedance
Voltage: 800K
Ω
Current: 120
Ω (Build-in
120
Ω. resistor for Current
Input)
for Current Input)
ƒ
lnput Range
0 ~ 150 mV, 0 ~ 500 mV,
0 ~ 1 V, 0 ~ 5 V, 0 ~ 10
V, 0 ~ 15 V, ±150 mV, ±500
mV, ±1 V, ±5 V, ±10 V,
±15 V, ±20 mA,
4 ~ 20 mA
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10 samples/sec. (total)
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
ƒ
High Common Mode 200 VDC
Protection
ƒ
Over Voltage Protection
ƒ
Built-in TVS/ESD Protection
ƒ
Isolation Voltage
3,000 VDC
Note: Does not support ADAM-5510KW series
Ordering Information
ƒ
ADAM-5017P
8-ch Analog Input Module
w/ Ind. Input Range
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 28-Aug-2013


Similar Part No. - ADAM-5013

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
400Kb / 2P
7-slot PC-based Intel® Atom™ CPU soft logic Controller with integrated target visualization
28-Mar-2016
ADAM-5013-A1 ADVANTECH-ADAM-5013-A1 Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
More results

Similar Description - ADAM-5013

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
APAX-5013 ADVANTECH-APAX-5013 Datasheet
338Kb / 1P
8-ch RTD Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
Robust 6-Ch RTD Input Module
27-Feb-2020
ADAM-5017H ADVANTECH-ADAM-5017H Datasheet
91Kb / 1P
3-channel RTD Input Module
January 2005
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
IDAQ-815 ADVANTECH-IDAQ-815 Datasheet
320Kb / 1P
8-ch RTD Input iDAQ Module
6-Sep-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com