Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NFCLL036B
Description  Built-in ESD Protection Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NFCLL036B Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 9Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NICHIA STS-DA1-3105B <Cat.No.150320>
5
SOLDERING
• Recommended Hand Soldering Condition
Temperature
380°C Max
Soldering Time
5sec Max
* Hand soldering must not be performed more than once.
* Since the silicone used in the encapsulating resin frame is soft, do not press on the encapsulating resin frame or resin area.
Pressure can cause nicks, chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
* Repairing should not be done after the LEDs have been soldered.
It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using a pick and place machine, choose an appropriate nozzle for this product. Using a pick-and-place nozzle
with a smaller diameter than the size of the LED's emitting surface will cause damage to the emitting surface
and may also cause the LED not to illuminate.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner
where the flux will come in contact with the LEDs.
* During and/or after soldering an electric wire to the electrode, ensure that tension is not applied to the electric wire.
This may cause the electrode to be damaged and/or reduce the adhesive strength of the electrode to the package.
* If soldering is used to join electric wires to the electrodes, the adhesive strength of the electrode to the package
may be reduced depending on the substances that are found in the solder paste and/or the type of the wire cover that is used.
Ensure that there are no issues with the materials that will be used in the chosen application prior to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com