Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL036B
Description  Built-in ESD Protection Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL036B Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NICHIA STS-DA1-3105B <Cat.No.150320>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
34
39
V
J1600
1600
1750
J1450
1450
1600
J1300
1300
1450
J1150
1150
1300
Luminous Flux
J1000
1000
1150
lm
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
0
-
-
Color Ranks
Rank sm243
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
x
0.4829
0.4578
0.4338
0.4073
0.3818
0.3611
Center Point
y
0.4144
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
J1000
J1150
J1300
J1450
J1600
sm243
R8000
R70
sm273
R8000
R70
sm303
R8000
R70
sm353
R8000
R70
sm403,sm453
R8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com