Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NFCLL036B
Description  Built-in ESD Protection Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NFCLL036B Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 9Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 10Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 11Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 12Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 13Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 14Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 15Page - NICHIA CORPORATION NFCLL036B Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NICHIA STS-DA1-3105B <Cat.No.150320>
11
OPTICAL CHARACTERISTICS
NFCLL036B
管理番号
No. STS-DA7-5867
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
相対照度
Relative Illuminance(a.u.)
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発光スペクトル
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
1
0.5
0
0.5
1
260mA
IFP=
T
A=25°C
260mA
IFP=
T
A=25°C
* 本特性は演色性ランクR8000に対応しています。
The graphs above show the characteristics for R8000 LEDs of this product.
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com