Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119C Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW119C
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119C Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW119C Datasheet HTML 1Page - NICHIA CORPORATION NVSW119C Datasheet HTML 2Page - NICHIA CORPORATION NVSW119C Datasheet HTML 3Page - NICHIA CORPORATION NVSW119C Datasheet HTML 4Page - NICHIA CORPORATION NVSW119C Datasheet HTML 5Page - NICHIA CORPORATION NVSW119C Datasheet HTML 6Page - NICHIA CORPORATION NVSW119C Datasheet HTML 7Page - NICHIA CORPORATION NVSW119C Datasheet HTML 8Page - NICHIA CORPORATION NVSW119C Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NICHIA STS-DA1-3562A <Cat.No.150602>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1800
mA
Pulse Forward Current
IFP
2400
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
5.94
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=700mA
2.98
-
V
IF=350mA
2.83
-
Rnn
Luminous Flux
Φv
IF=700mA
325
-
lm
IF=350mA
179
-
Luminous Intensity
Iv
IF=700mA
93
-
cd
IF=350mA
61
-
Color Rendering Index
Ra
IF=700mA
-
-
-
R70
Luminous Flux
Φv
IF=700mA
322
-
lm
IF=350mA
174
-
Luminous Intensity
Iv
IF=700mA
92
-
cd
IF=350mA
60
-
Color Rendering Index
Ra
IF=700mA
73
-
-
R8000
Luminous Flux
Φv
IF=700mA
280
-
lm
IF=350mA
151
-
Luminous Intensity
Iv
IF=700mA
83
-
cd
IF=350mA
55
-
Color Rendering Index
Ra
IF=700mA
83
-
-
Chromaticity Coordinate
x
-
IF=700mA
0.3447
-
-
y
-
IF=700mA
0.3553
-
-
Thermal Resistance
RθJS
-
4.2
6.4
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com