Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119C Datasheet(PDF) 21 Page - NICHIA CORPORATION

Part # NVSW119C
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119C Datasheet(HTML) 21 Page - NICHIA CORPORATION

Back Button NVSW119C Datasheet HTML 15Page - NICHIA CORPORATION NVSW119C Datasheet HTML 16Page - NICHIA CORPORATION NVSW119C Datasheet HTML 17Page - NICHIA CORPORATION NVSW119C Datasheet HTML 18Page - NICHIA CORPORATION NVSW119C Datasheet HTML 19Page - NICHIA CORPORATION NVSW119C Datasheet HTML 20Page - NICHIA CORPORATION NVSW119C Datasheet HTML 21Page - NICHIA CORPORATION NVSW119C Datasheet HTML 22Page - NICHIA CORPORATION NVSW119C Datasheet HTML 23Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
NICHIA STS-DA1-3562A <Cat.No.150602>
20
CAUTIONS
(1) Storage
Conditions
Temperature
Humidity
Time
Storage
Before Opening Aluminum Bag
≤30°C
≤90%RH
Within 1 Year from Delivery Date
After Opening Aluminum Bag
≤30°C
≤70%RH
≤168hours
Baking
65±5°C
-
≥24hours
● Product complies with JEDEC MSL 3 or equivalent. See IPC/JEDEC STD-020 for moisture-sensitivity details.
● Absorbed moisture in LED packages can vaporize and expand during soldering, which can cause interface delamination
and result in optical performance degradation. Products are packed in moisture-proof aluminum bags
to minimize moisture absorption during transportation and storage.
Included silica gel desiccants change from blue to red if moisture had penetrated bags.
● After opening the moisture-proof aluminum bag, the products should go through the soldering process
within the range of the conditions stated above. Unused remaining LEDs should be stored with silica gel desiccants
in a hermetically sealed container, preferably the original moisture-proof bags for storage.
● After the “Period After Opening” storage time has been exceeded or silica gel desiccants are no longer blue,
the products should be baked. Baking should only be done once.
● Although the leads or electrode pads (anode and cathode) of the product are plated with gold,
prolonged exposure to a corrosive environment might cause the gold plated the leads or electrode pads to tarnish,
and thus leading to difficulties in soldering. If unused LEDs remain, they must be stored in a hermetically sealed container.
Nichia recommends using the original moisture-proof bag for storage.
● Do not use sulfur-containing materials in commercial products. Some materials, such as seals and adhesives, may contain sulfur.
The contaminated plating of LEDs might cause an open circuit. Silicone rubber is recommended as a material for seals.
Bear in mind, the use of silicones may lead to silicone contamination of electrical contacts inside the products,
caused by low molecular weight volatile siloxane.
● To prevent water condensation, please avoid large temperature and humidity fluctuations for the storage conditions.
● Do not store the LEDs in a dusty environment.
● Do not expose the LEDs to direct sunlight and/or an environment where the temperature is higher than
normal room temperature.
(2) Directions for Use
● When designing a circuit, the current through each LED must not exceed the Absolute Maximum Rating.
Operating at a constant current per LED is recommended. In case of operating at a constant voltage, Circuit B is recommended.
If the LEDs are operated with constant voltage using Circuit A, the current through the LEDs may vary due to the variation
in Forward Voltage characteristics of the LEDs.
● This product should be operated using forward current. Ensure that the product is not subjected to
either forward or reverse voltage while it is not in use. In particular, subjecting it to continuous reverse voltage
may cause migration, which may cause damage to the LED die. When used in displays that are not used for a long time,
the main power supply should be switched off for safety.
● It is recommended to operate the LEDs at a current greater than 10% of the sorting current to stabilize the LED characteristics.
● Ensure that excessive voltages such as lightning surges are not applied to the LEDs.
● For outdoor use, necessary measures should be taken to prevent water, moisture and salt air damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com