Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVSW119C Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSW119C
Description  Built-in ESD Protection Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119C Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSW119C Datasheet HTML 1Page - NICHIA CORPORATION NVSW119C Datasheet HTML 2Page - NICHIA CORPORATION NVSW119C Datasheet HTML 3Page - NICHIA CORPORATION NVSW119C Datasheet HTML 4Page - NICHIA CORPORATION NVSW119C Datasheet HTML 5Page - NICHIA CORPORATION NVSW119C Datasheet HTML 6Page - NICHIA CORPORATION NVSW119C Datasheet HTML 7Page - NICHIA CORPORATION NVSW119C Datasheet HTML 8Page - NICHIA CORPORATION NVSW119C Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NICHIA STS-DA1-3562A <Cat.No.150602>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
M1
IF=700mA
3.1
3.3
V
L2
2.9
3.1
L1
2.7
2.9
Luminous Flux
D320
IF=700mA
320
340
lm
D300
300
320
D280
280
300
D260
260
280
D240
240
260
Color Rendering Index
Rnn
Ra
IF=700mA
-
-
-
R70
Ra
70
-
-
R8000
Ra
80
-
-
R9
0
-
-
Color Ranks
The color rank has a chromaticity range within a 3-step MacAdam ellipse.
Rank
sm503
Rank
sm573
Rank
sm653
Center Point
x
0.3447
0.3287
0.3123
y
0.3553
0.3417
0.3282
Minor Axis
a
0.003555
0.003087
0.002709
Major Axis
b
0.008418
0.007809
0.006561
Ellipse Rotation Angle
Φ
-31.78
-31.56
-32.35
The color rank has a chromaticity range within a 5-step MacAdam ellipse.
Rank
sm505
Rank
sm575
Rank
sm655
Center Point
x
0.3447
0.3287
0.3123
y
0.3553
0.3417
0.3282
Minor Axis
a
0.005925
0.005145
0.004515
Major Axis
b
0.014030
0.013015
0.010935
Ellipse Rotation Angle
Φ
-31.78
-31.56
-32.35
The color rank has a chromaticity range within a 7-step MacAdam ellipse.
Rank
sm507
Rank
sm577
Rank
sm657
Center Point
x
0.3447
0.3287
0.3123
y
0.3553
0.3417
0.3282
Minor Axis
a
0.008295
0.007203
0.006321
Major Axis
b
0.019642
0.018221
0.015309
Ellipse Rotation Angle
Φ
-31.78
-31.56
-32.35
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com