Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1626C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1626C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
________________________Applications
The MAX1626/MAX1627 typical operating circuits
(Figures 1 and 8) are designed to output 2A at a 5V
output voltage. The following circuits provide examples
and guidance for other applications.
Micropower Step-Down Converter
When designing a low-power, battery-based applica-
tion, choose an external MOSFET with low gate capaci-
tance (to minimize switching losses), and use a low
peak current limit to reduce I2R losses. The circuit in
Figure 9 is optimized for 0.5A.
High-Current Step-Down Converter
The circuit in Figure 10 outputs 6A at 2.5V from a 5V or
3.3V input. High-current design is difficult, and board
layout is critical due to radiated noise, switching tran-
sients, and voltage gradients on the PC board traces.
Figure 11 is a recommended PC board design. Choose
the external MOSFET to minimize RDS(ON). Keep the
gate-charge factor below the MAX1626/MAX1627’s
drive capability (see Ext Rise and Fall Times vs.
Capacitance graph in the
Typical Operating
Characteristics). Otherwise, increased MOSFET rise
and fall times will contribute to efficiency losses. For
higher efficiencies, especially at low output voltages,
the MAX796 family of step-down controllers with syn-
chronous rectification is recommended.
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
______________________________________________________________________________________
13
MAX1627
C5
0.47
µF
P
D1
RSENSE
0.15
Ω
U1
LOGIC-LEVEL MOSFET
C4
0.1
µF
OUT
N.C.
SHDN
REF
V+
EXT
CS
GND
FB
INPUT
L1
22
µH, 3A
R3
R2
CR2
C1
220
µF
LOW-ESR
TANTALUM
C2
68
µF LOW-ESR
TANTALUM
C3
68
µF LOW-ESR
TANTALUM
L1: SUMIDA CDRH125-220
D1: NIHON NSQ03A03
U1: MOTOROLA MMSF3P02HD
ADJUSTABLE
OUTPUT
Figure 8. MAX1627 Typical Operating Circuit
MAX1626
C3
0.47
µF
P
D1
RSENSE
0.15
Ω
U1
LOGIC-LEVEL MOSFET
C4
0.1
µF
3/5
SHDN
REF
V+
EXT
CS
GND
OUT
INPUT
L1
68
µH, 0.7A
OUTPUT
C1
100
µF
LOW-ESR
TANTALUM
C2
68
µF LOW-ESR
TANTALUM
L1: SUMIDA CDR1053-680
D1: MOTOROLA MBRS130T3
U1: MOTOROLA MMSF3P02HD
Figure 9. 0.5A Step-Down Converter
MAX1627
P
OUTPUT
2.5V, 6A
R3
21.5k, 1%
R2
20k, 1%
D1
CR2
220pF
Q1
LOGIC-LEVEL MOSFET
C10
0.1
µF
OUT
3V TO 6V
SHDN
N.C.
REF
V+
EXT
CS
GND
FB
INPUT
L1
2.7
µH >8A
C4
100
µF
C5
100
µF
C9
1.0
µF
RCS1, RCS2
0.025
Ω
C8
1.0
µF
C7
0.1
µF
C3
220
µF
C2
220
µF
C1
220
µF
C6
0.1
µF
C1–C3: SANYO OS-CON 220
µF, 6.3V
C4, C5: SANYO OS-CON 100
µF,20V
RCS1, RCS2: 0.025
Ω DALE WSL-2512
Q1: MOTOROLA MTB50PO3HDL
D1: NIEC C10T04Q
L1: SUMIDA CDRH127-2R7NC
Figure 10. 6A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com