Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1626C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1626C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1626C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
0
-60 -40
MAX1626 SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.1
0.3
0.2
0.5
0.4
0.6
0.7
0.8
-20
0
20 40 60 80 100 120 140
E
C
B
A
D
APPLICATION CIRCUIT
SHUTDOWN CURRENT:
A: V+ = +15V
B: V+ = +10V
C: V+ = +4V
MAX1626 SHUTDOWN
CURRENT:
D: V+ = +16V
E: V+ = +4V
400
0
0
2000
4000
EXT RISE AND FALL TIMES
vs. CAPACITANCE
50
100
300
250
350
CAPACITANCE (pF)
200
150
tRISE, V+ = +15V
tFALL, V+ = +5V
tRISE, V+ = +5V
tFALL, V+ = +15V
50
0
-60 -40 -20
40 60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE
10
5
15
40
35
45
TEMPERATURE (°C)
0
20
80
25
20
30
100 120
tFALL, V+ = +5V
CEXT = 1nF
3/5 = 0V
OUT = 50kHz, 0.3Vp-p, 3.3VDC
tRISE, V+ = +5V
tRISE, tFALL, V+ = +15V
60
-60 -40
MAX1626
V+ QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
62
64
66
68
70
72
-20
0
20 40 60 80 100 120 140
3/5 = 0V
OUT FORCED TO 3.4V
V+ = +16V
V+ = +10V
V+ = +4V
12
0
0
1234
5
MAX1626 EXT OFF TIME
vs. OUTPUT VOLTAGE
2
8
10
OUTPUT VOLTAGE (V)
6
4
V+ = +5V
3/5 = GND
3/5 = V+
12
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
MAX1627 EXT OFF TIME
vs. FB PIN VOLTAGE
2
8
10
FB PIN VOLTAGE (V)
6
4
V+ = +5V
115
85
-60 -40 -20 0
20 40 60 80 100 120 140
CS TRIP LEVEL vs. TEMPERATURE
90
105
110
TEMPERATURE (°C)
100
95
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com