Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1626C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1626C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1626C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX1626/MAX1627 step-down DC-DC switching
controllers provide high efficiency over loads ranging
from 1mA to more than 2A. A unique current-limited,
pulse-frequency-modulated (PFM) control scheme
operates with up to a 100% duty cycle, resulting in very
low dropout voltages. This control scheme eliminates
minimum load requirements and reduces the supply
current under light loads to 90µA (versus 2mA to 10mA
for common pulse-width modulation controllers).
These step-down controllers drive an external P-chan-
nel MOSFET, allowing design flexibility for applications
to 12W or higher. Soft-start reduces current surges dur-
ing start-up. A high switching frequency (up to 300kHz)
and operation in continuous-conduction mode allow the
use of tiny surface-mount inductors. Output capacitor
requirements are also reduced, minimizing PC board
area and system costs.
The output voltage is preset at 5V or 3.3V for the
MAX1626 and adjustable for the MAX1627. Input volt-
ages can be up to 16.5V. The MAX1626/MAX1627 are
functional upgrades for the MAX1649/MAX1651.
________________________Applications
PCMCIA Power Supplies
Personal Digital Assistants
Hand-Held Computers
Portable Terminals
Low-Cost Notebook Computer Supplies
5V to 3.3V Green PC Applications
High-Efficiency Step-Down Regulation
Minimum-Component DC-DC Converters
Battery-Powered Applications
____________________________Features
o Low Dropout Voltage
o 100% Maximum Duty Cycle
o Soft-Start Limits Start-Up Current
o Efficiency >90% (3mA to 2A Loads)
o Output Power >12.5W
o 90µA Max Quiescent Current
o 1µA Max Shutdown Current
o Up to 300kHz Switching Frequency
o 16.5V Max Input Voltage
o Output Voltage: 5V/3.3V (MAX1626)
Adjustable (MAX1627)
o Current-Limited Control Scheme
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
________________________________________________________________
Maxim Integrated Products
1
MAX1626
V+
CS
SHDN
GND
3/5
ON/OFF
P
EXT
REF
OUT
OUTPUT
3.3V
INPUT
3.3V to 16.5V
__________________Pin Configuration
1
2
3
4
8
7
6
5
GND
EXT
CS
V+
REF
SHDN
3/5 (FB)
OUT
( ) ARE FOR MAX1627
SO
TOP VIEW
MAX1626
MAX1627
__________Typical Operating Circuit
19-1075; Rev 0; 6/96
PART
MAX1626C/D
MAX1626ESA
MAX1627C/D
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 SO
Dice*
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
______________Ordering Information
* Dice are tested at TA = +25°C.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX1627ESA
-40°C to +85°C
8 SO


Similar Part No. - MAX1626C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626C/D MAXIM-MAX1626C/D Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results

Similar Description - MAX1626C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com