Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1672C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1672C/D
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1672C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPS = 6V, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, PS, LX, OUT, PGO to GND ......................... -0.3V to +11.5V
ILIM, ONA, ONB, FB, 3/5,
REF, PGI to GND......................................-0.3V to (VPS + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
OUT Short Circuit to GND ..........................................Continuous
Output Current ..................................................................350mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate above +70°C by 8.3mW/°C).......667mW
Operating Temperature Range ......................... -40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ........................... -65°C to +160°C
Lead Temperature (soldering, 10sec) ............................ +300°C
VPS = 5.5V
VOUT = 0V, ONA = GND, ONB = PS
VPS = 2.7V, IOUT = 50mA
VPS = 5.5V, IOUT = 50mA
ILIM = GND
VLX = 11V, ONA = GND, ONB = PS
VPS = 2.7V, ILX = 50mA
IREF = 0mA
VPS = 5.5V, ILX = 50mA
VIN = GND to 11V
ONA = GND, ONB = PS, current measured into PS pin
ONA = PS or ONB = GND, current measured into PS pin,
IOUT = 0mA
VIN = 2V, 3/5 = GND, FB = GND, IOUT = 10mA to 150mA
VFB = 1.3V
VIN = 3V to 5V, 3/5 = GND, IOUT = 100mA
Hysteresis = 15mV typical
CONDITIONS
A
0.35
0.7
1.4
Output PFET Current Limit
µA
0.1
1
Output PFET Leakage Current
Ω
2.3
4.6
1.2
2.4
Output PFET Resistance
0.3
0.5
0.7
0.35
0.5
0.65
µA
0.1
1
LX Leakage Current
Ω
0.9
2.0
LX On-Resistance
0.6
1.3
µA
3
6
IN Input Current
nA
1
50
FB Input Current
mV
70
FB Dual-Mode Trip Threshold
4.8
5.2
V
0.9
V
1.8
11.0
Input Voltage
Startup Voltage
1.21
1.25
1.29
V
1.21
1.25
1.29
Reference Voltage
µA
0.1
1
Shutdown Quiescent Current
µA
85
125
Quiescent Current
4.75
5.00
5.25
V
1.25
5.5
Output Voltage Adjustment
Range
%/mA
0.003
Output Load Regulation
%/V
0.15
Output Line Regulation
UNITS
MIN
TYP
MAX
PARAMETER
V
3.17
3.43
3.13
3.30
3.47
Output Voltage
FB = GND,
IOUT = 0mA to
150mA
TA = 0°C to +85°C
TA = -40°C to +85°C
TA = 0°C to +85°C
TA = -40°C to +85°C
V
1.20
1.30
FB Voltage
TA = 0°C to +85°C
TA = -40°C to +85°C
ILIM = PS
A
0.5
0.8
1.1
LX Current Limit
0.6
0.8
1.0
TA = 0°C to +85°C
TA = -40°C to +85°C
TA = 0°C to +85°C
TA = -40°C to +85°C
3/5 = PS
OUT = FB
3/5 = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com