Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1672C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1672C/D
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1672C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
NAME
FUNCTION
1
LX
Inductor Connection to the Drain of the Internal N-Channel Power MOSFET
PIN
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
A
B
10
µs/div
OUTPUT RIPPLE (HEAVY LOAD)
MAX1672-13
A: VOUT = 5V (20mV/div, AC COUPLED)
B: IL1 (500mA /div) (VIN = 2.7V, IOUT = 250mA)
A
B
50
µs/div
START-UP DELAY
MAX1672-14
A: VOUT = (2V/div)
B: ONB (2V/div) (VIN = 2.7V, RLOAD = 50Ω)
A
B
200
µs/div
TURN-OFF DELAY
MAX1672-15
A: VOUT = (2V/div)
B: ONB (2V/div) (VIN = 2.7V, RLOAD = 50Ω)
2
PGND
Power Ground
3
ONB
On Control Input. When ONB = low or ONA = high, the IC is on. Connect ONB to GND for normal operation
(Table 1).
4
ONA
On Control Input. When ONA = low and ONB = high, the IC is off. Connect ONA to PS for normal operation
(Table 1).
5
3/5
Output Voltage Selection Input. Connect to PS for 3.3V output and to GND for 5V output. With VFB > 80mV,
the state of the 3/5 pin is ignored. (Table 2).
6
PGI
Low-Battery Detector Input (1.25V threshold)
7
PGO
Low-Battery Detector Output (open drain). PGO pulls low when VPGI is greater than 1.25V.
8
ILIM
Inductor-Current-Limit Selection Input. Connect to PS for 0.8A current limit and to GND for 0.5A current limit.
9
OUT
Regulator Output. Drain of internal PFET linear regulator. Bypass with a 4.7µF capacitor to GND.
10
FB
Feedback Input. For 3.3V or 5V output, connect to GND. For adjustable output, connect to feedback resistor-
divider network. With VFB > 70mV, the state of the 3/5 pin is ignored.
11
PS
Bootstrapped Power Supply. Output of step-up switch-mode regulator and source of internal PFET linear
regulator. The IC is powered from this pin.
12
IN
Input Voltage Sense Input. Connect to input supply.
13
REF
Reference Voltage Output. Bypass with a 0.1µF capacitor to GND.
14
GND
Analog Ground
15
PGND
Power Ground
16
LX
Inductor Connection to the Drain of the Internal N-Channel Power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com