Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1672C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1672C/D
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1672C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1672C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VPS = 6V, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Specifications to -40°C are guaranteed by design.
ONA, ONB, 3/5; ILIM
TA = 0°C to +85°C
VPGO = 11V
IPGO = 2mA, VPGI = 1.2V
CONDITIONS
mV
30
Hysteresis
°C
20
°C
150
Thermal Shutdown Threshold
Thermal Shutdown Hysteresis
V
0.4
Input Low Voltage
1.21
1.29
µA
0.1
1
PGO Output Leakage
V
0.1
0.4
PGO Output Low Voltage
UNITS
MIN
TYP
MAX
PARAMETER
ONA, ONB, 3/5; ILIM
V
1.6
Input High Voltage
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
50
0.1
1
10
100
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 5V)
60
OUTPUT CURRENT (mA)
70
80
90
VIN = 5V
VIN = 3.6V
VIN = 1.8V
VIN = 0.9V
VIN = 2.7V
100
50
0.1
1
10
100
1000
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.3V)
60
OUTPUT CURRENT (mA)
70
80
90
VIN = 3.3V
VIN = 1.8V
VIN = 0.9V
VIN = 2.7V
50
60
70
80
90
100
0
4
5
2
3
1
6
7
8
9
10
EFFICIENCY vs. INPUT VOLTAGE
(IOUT = 10mA)
INPUT VOLTAGE (V)
VOUT = 3.3V
VOUT = 5V
VPGI = 1.3V
nA
1
50
PGI Input Bias Current
ONA, ONB, 3/5, ILIM
nA
1
100
Input Bias Current
TA = -40°C to +85°C
V
1.19
1.25
1.31
PGI Threshold Voltage
PGI/PGO COMPARATOR
LOGIC AND CONTROL INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com