Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1677EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
______________________________________________________________________________________
13
For a positive LCD output, connect LCDPOL to OUT as
shown in Figure 2. This sets the threshold at LCDFB to
1.25V. Select R2 and the desired output voltage
(VLCD), and calculate R1:
For positive LCD output: R1 = R2 [(VLCD / 1.25V) – 1]
Figure 3 shows the standard circuit for generating a
negative LCD supply. This connection limits VLCD to
values between -VIN and -28V. If a smaller negative
output voltage is required, D2’s cathode can be con-
nected to VIN rather than ground. This alternate con-
nection permits output voltages from 0 to –
28 – VIN.
For a negative LCD output voltage, connect LCDPOL to
GND. The feedback threshold voltage of LCDFB is set
to 0. Select R2 and the desired output voltage (VLCD),
and calculate R1:
For positive LCD output: R1 = R2 ·
VLCD/ 1.25V
To minimize ripple in the LCD output and prevent sub-
harmonic noise caused by switching pulse grouping, it
may be necessary in some PC board layouts to con-
nect a small capacitor in parallel with R1. For R1 values
in 500k
Ω to 2MΩ range, 22pF is usually adequate.
Many LCD bias applications require an adjustable out-
put voltage. In Figure 9, an external control voltage
(generated by a potentiometer, DAC, filtered PWM con-
trol signal, or other source) is coupled to LCDFB
through the resistor RADJ. The output voltage of this cir-
cuit, for both positive and negative outputs, is given by:
VOUT = VINIT + (R1 / RADJ)(VLCDFB – VADJ)
where VINIT is the initial output obtained without the
added adjust voltage, as calculated in one of the pre-
ceding two equations. VLCDFB is 1.25V for the positive
configuration, and 0 for the negative configuration.
RADJ sets the output adjustment span, which is
1.25V · R1 / RADJ for either polarity output. Note that
raising VADJ lowers VOUT in positive output designs,
while in negative output designs, raising VADJ increas-
es the magnitude of the negative output.
Higher LCD Output Voltages
If the application requires LCD output voltages greater
than +28V, use the connection in Figure 10. This circuit
adds one capacitor-diode charge pump stage to
increase the output voltage without increasing the volt-
age stress on the LCDLX pin. The maximum output
voltage of the circuit is +55V and output current is
slightly less than half that available from the standard
circuit in Figure 2. In Figure 10, diodes D1, D2, and D3
should be at least 30V-rated Schottky diodes such as
1N5818 or MBR0530L or equivalent. Capacitors C1
and C2 should also be rated for 30V, while C3 must be
rated for the maximum set output voltage.
Applications Information
Inductor Selection
The MAX1677’s high switching frequency allows the
use of small surface-mount inductors. The 10µH values
shown in Figures 2 and 3 are recommended for most
applications, although values between 4.7µH and 47µH
are suitable. Smaller inductance values typically offer a
smaller physical size for a given series resistance,
allowing the smallest overall circuit dimensions. Larger
inductance values exhibit higher output current capa-
bility, but larger physical dimensions.
Use inductors with a ferrite core or equivalent; powder
iron cores are not recommended for use with the
MAX1677’s high switching frequencies. The inductor’s
incremental saturation rating ideally should exceed the
MAX1677
FB
R2
R1
VADJ
RADJ
VLCD
GND
(REF)
Figure 9. Adjusting LCD Output Voltage
MAX1677
LCDLX
OUT
LCDPOL
L2
10
µH
D1
D2
D3
C1
1
µF
30V
C2
2.2
µF
30V
C3
2.2
µF
+40V/5mA
(SET TO
NO MORE
THAN 55V)
D1, D2, D3 = 30V RATED SCHOTTKY DIODES:
MBR0530L OR EQUIVALENT.
R2
65k
R1
2M
1
7
12
10
VIN
LCDFB
Figure 10. Higher LCD Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com