Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1677EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1677EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
_______________________________________________________________________________________
3
CONDITIONS
N-channel
0.22
0.5
Ω
P-channel
0.4
1.0
LX Current Limit
ILX(PWM)
N-channel PWM mode
550
670
800
mA
UNITS
MIN
TYP
MAX
PARAMETER
ILX(PFM)
N-channel PFM mode
250
350
450
P-Channel Synchronous Rectifier
Turn-Off Current in PFM Mode
40
90
140
mA
Internal Oscillator
f
CLK/SEL = OUT
240
300
360
kHz
Oscillator Maximum Duty Cycle
D
80
85
90
%
External Clock Frequency
Range
200
400
kHz
LOGIC AND CONTROL
ON Input Threshold
VON(LOW)
VON(HIGH)
LCDON, LCDPOL, CLK/SEL
Input Threshold
VIL
VOUT > 2.5V
0.2VOUT
V
VIH
0.8VOUT
LBI Falling Threshold
VLBI(TH)
599
614
629
mV
LBI Hysteresis
1
%
LBO Output Low Voltage
VLBO(LO)
Sink current = 1mA
0.1
V
LBI Input Bias Current
ILBI(BIAS)
50
nA
LBO Leakage Current
ILBO(LEAK) VLBO = 5.5V
1
µA
LCDLX Voltage
28
V
LCDPOL connected to OUT or GND through
50k
Ω
150
225
300
mA
LCDLX Switch Resistance
RLCDLX
VOUT = 3.3V
1.0
1.4
Ω
LCDLX Leakage Current
VLCDLX = 28V
1
µA
LCDFB Set Point
Positive LCD, LCDPOL = OUT
1.225
1.25
1.275
V
Negative LCD, LCDPOL = GND
-15
0
15
mV
LCDFB Input Bias Current
50
nA
LCD Line Regulation
ILOAD = 5mA, VIN = 1.2V to 3.6V,
Figure 2
0.1
%/V
LCD Load Regulation
ILOAD = 0 to 5mA, VIN = 2.4V,
Figure 2
0.5
%
Maximum LCDLX On-Time
tON LCD
3.4
4.3
5.2
µs
1.1V < VOUT < 5.5V
0.8VOUT
0.2VOUT
V
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = 3.3V, CREF = 0.1µF, POUT = OUT, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
LX On-Resistance
SYMBOL
RLX(ON)N
RLX(ON)P
LCDPOL = OUT or GND
300
350
450
LCDLX Switch Current Limit
Input Leakage Current
ON, LCDON, LCDPOL, CLK/SEL
1
µA
Minimum LCDLX Off-Time
Operating mode
0.8
1
1.2
µs
Start-up mode (positive or negative)
3.0
4.0
5.0
LCDFB Voltage for
Start-Up Mode
LCDPOL = OUT
0.75
V
LCDPOL = GND
0.5
LOGIC AND CONTROL INPUTS
LCD BIAS DC-DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com