Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1677EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1677EEE
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1677EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1677EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = 3.3V, CREF = 0.1µF, POUT = OUT, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OUT, LCDON, ON, POUT, LBI, LBO,
LX to GND .............................................................-0.3V to +6V
CLK/SEL, LCDPOL, REF, LCDFB,
FB to GND .............................................-0.3V to (VOUT + 0.3V)
LCDLX to GND .......................................................-0.3V to +30V
PGND, LCDGND to GND ......................................-0.3V to +0.3V
POUT to OUT.........................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +25°C, ILOAD < 1mA
No load, current into OUT
No load, current into OUT
IREF = 0
IREF = 0 to 50µA (Note 2)
VOUT = 2.5V to 5.5V
No load, current into OUT
V
0.9
1.1
VSTARTUP
Minimum Start-Up Voltage
µA
0.3
5
Supply Current in Shutdown
µA
115
300
IPWM
Supply Current All On,
Main DC-DC in PWM Mode
µA
35
60
IPFM
Supply Current All On,
Main DC-DC in PFM Mode
V
1.23
1.25
1.27
VREF
Reference Voltage
mV
2
15
Reference Load Regulation
mV
0.2
5
Reference Line Rejection
µA
20
40
ILCDOFF
Supply Current
Main DC On, LCD Off
MAIN BOOST DC-DC
Output Voltage
VOUT
FB = GND, 0
≤ ILX ≤ 350mA,
CLK/SEL = OUT (Note 3)
3.20
3.30
3.43
V
FB Regulation Voltage
VFB(REG)
Adjustable mode, CLK/SEL = OUT (Note 3)
1.225
1.25
1.275
V
FB Input Current
IFB
VFB = 1.3V
0.02
50
nA
Output Voltage Adjustment
Range
2.5
5.5
V
Start-Up to Normal Mode
Transition Voltage (Note 4)
VLOCKOUT
2.1
2.4
V
Line Regulation
IOUT = 150mA, VIN = 2V to 3V
0.6
%
Load Regulation
CLK/SEL = OUT, VIN = 2.4V,
I LOAD = 10mA to 200mA
1
%
Frequency in Start-Up Mode
fSTARTUP
VOUT = 1.5V
40
300
kHz
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LX Leakage Current
ILX(LEAK)
0.2
5
µA
(Note 1)
V
0.7
5.5
VIN
Input Voltage Range
GENERAL
MAIN BOOST DC-DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com