Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1685EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1685EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1685EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1685EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1685EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1684/MAX1685 are high-efficiency, internal-
switch, PWM step-down switching regulators intended to
power cellular phones, communicating PDAs, and
handy-terminals. These devices deliver a guaranteed 1A
output current from two Li-Ion batteries. Their wide input
voltage range of 2.7V to 14V gives design flexibility and
allows batteries to charge from a wall cube, since the ICs
operate at the higher voltages that occur when the bat-
tery is removed. The output voltage is preset to 3.3V or
can be externally adjusted from 1.25V to VIN.
The low-on-resistance power switch and built-in synchro-
nous rectifier provide high efficiencies of up to 96%.
There are four modes of operation: fixed-frequency
mode, normal mode, low-power mode, and shutdown
mode. The fixed-frequency PWM mode of operation
offers excellent noise characteristics. The normal mode
maintains high efficiency at all loads. The low-power
mode is used to conserve power in standby or when full
load is not required. The shutdown mode is used to
power down the device for minimal current draw.
The MAX1684 runs at 300kHz for applications that
require highest efficiency. The MAX1685 runs at
600kHz to allow use of smaller external components.
These devices can also be synchronized to an external
clock. Other features include a 100% duty cycle for
low-dropout applications, an auxiliary 3V/5mA output,
and a 1% accurate reference.
Both devices are available in a space-saving 16-QSOP
package. An evaluation kit is also available to help
speed designs. For a similar device in a 10-pin µMAX
package with lower input voltage requirements (5.5V
max), see the MAX1692 data sheet.
Applications
Cellular Phones
2-Way Radios and Walkie-Talkies
Computer Peripherals
Personal Communicators
PDAs and Handy-Terminals
Features
o Up to 96% Efficiency
o 1A Guaranteed Output Current
o 100% Duty Cycle in Dropout
o 2.7V to 14V Input Range (15V absolute max)
o ±1% Accurate Reference Output
o 0.24
Ω P-Channel On-Resistance
o Synchronizable Switching Frequency
o Fixed-Frequency PWM Operation
300kHz (MAX1684)
600kHz (MAX1685)
o 150µA Normal Mode Quiescent Current
o 25µA Low-Power Mode Quiescent Current
o 2µA Shutdown Current
o Dual Mode™ Fixed 3.3V (±1%) Output or
Adjustable Output (1.25V to VIN)
o Small 16-QSOP Package
o Auxiliary Output (CVL): 3V/5mA
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
________________________________________________________________
Maxim Integrated Products
1
MAX1684
MAX1685
LX
IN
AIN
GND
OUTPUT
3.3V AT 1A
INPUT
2.7V TO 14V
BOOT
SHDN
CVH
CVL
STBY
SYNC/PWM
FB
CC
REF
+
+
19-1454; Rev 0; 4/99
PART
MAX1684EEE
MAX1685EEE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Typical Operating Circuit
Ordering Information
Pin Configuration appears at end of data sheet.
Dual Mode is a trademark of Maxim Integrated Products.


Similar Part No. - MAX1685EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1685EEE MAXIM-MAX1685EEE Datasheet
294Kb / 14P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
More results

Similar Description - MAX1685EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
1A Synchronous PWM Step-Down
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684_V01 Datasheet
294Kb / 14P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com