Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
MiniPak Package Outline Drawing
Ordering Information
Part Number
No. of Devices
Container
ATF-331M4-TR1
3000
7” Reel
ATF-331M4-TR2
10000
13” Reel
ATF-331M4-BLK
100
antistatic bag
1.44 (0.058)
1.40 (0.056)
Top view
Side view
Dimensions are in millimeteres (inches)
1.20 (0.048)
1.16 (0.046)
0.70 (0.028)
0.58 (0.023)
Px
Solder Pad Dimensions
Bottom view
1.12 (0.045)
1.08 (0.043)
3
2
4
1
0.82 (0.033)
0.78 (0.031)
0.32 (0.013)
0.28 (0.011)
-0.07 (-0.003)
-0.03 (-0.001)
0.00
-0.07 (-0.003)
-0.03 (-0.001)
0.42 (0.017)
0.38 (0.015)
0.92 (0.037)
0.88 (0.035)
1.32 (0.053)
1.28 (0.051)
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com