Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-331M4 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ATF-331M4 Typical Scattering Parameters, VDS = 2V, IDS = 40 mA
Freq.
GHz
S11
S21
S12
S22
MSG/MAG
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.5
0.82
-91.90
22.10
12.74
127.90
-27.13
0.044
53.30
0.40
-163.10
24.62
0.8
0.79
-119.10
18.85
8.76
112.80
-25.19
0.055
46.70
0.47
-169.67
22.02
1.0
0.78
-132.10
18.06
8.00
106.00
-24.44
0.060
44.70
0.49
-173.83
21.25
1.5
0.76
-151.40
14.75
5.46
93.73
-22.73
0.073
42.73
0.53
177.77
18.74
1.8
0.75
-159.60
13.55
4.76
88.20
-21.72
0.082
42.13
0.53
173.73
17.64
2.0
0.74
-163.60
13.36
4.65
85.00
-21.31
0.086
41.93
0.54
171.27
17.33
2.5
0.72
-170.70
10.33
3.29
77.97
-20.09
0.099
41.33
0.53
165.20
15.21
3.0
0.69
-174.30
9.60
3.02
71.83
-18.12
0.124
40.57
0.55
162.60
13.86
4.0
0.71
163.10
6.62
2.14
53.23
-17.20
0.138
30.30
0.56
138.03
10.77
5.0
0.73
150.00
4.98
1.77
41.60
-16.65
0.147
24.97
0.56
134.30
9.25
6.0
0.71
140.90
3.94
1.57
28.80
-16.08
0.157
17.23
0.57
115.73
7.71
7.0
0.73
123.90
2.92
1.40
14.70
-15.39
0.170
7.10
0.57
109.93
6.97
8.0
0.74
112.90
2.77
1.38
6.70
-15.04
0.177
2.57
0.58
108.90
6.98
9.0
0.76
97.70
2.60
1.35
-4.77
-14.99
0.178
-6.27
0.59
93.03
6.78
10.0
0.79
83.60
2.00
1.26
-18.20
-14.75
0.183
-17.47
0.59
78.30
6.54
11.0
0.86
61.90
0.08
1.01
-32.50
-14.80
0.182
-29.77
0.58
66.00
6.03
12.0
0.87
62.10
-0.71
0.92
-37.90
-14.33
0.192
-33.90
0.65
59.73
5.63
13.0
0.88
51.90
-1.54
0.84
-49.90
-14.89
0.180
-44.67
0.69
49.07
5.20
14.0
0.88
44.60
-2.09
0.79
-58.90
-15.44
0.169
-52.47
0.73
40.13
5.04
15.0
0.91
38.70
-4.00
0.63
-67.70
-15.81
0.162
-60.63
0.75
30.57
4.34
16.0
0.93
33.30
-5.66
0.52
-74.80
-18.71
0.116
-67.27
0.78
24.73
4.04
17.0
0.93
28.40
-5.68
0.52
-80.50
-17.86
0.128
-73.07
0.79
18.67
4.02
18.0
0.92
25.20
-6.58
0.47
-84.00
-17.99
0.126
-77.40
0.81
13.87
3.03
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements Fmin is calculated. Refer to the noise parameter measurement section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.010 inch thick alumina carrier assembly. The input reference plane is at the
end of the gate pad. The output reference plane is at the end of the drain pad.
Typical Noise Parameters, VDS = 2V, IDS = 40 mA
Freq
GHz
Fmin
dB
opt
Mag.
opt
Ang.
Rn/50
Ga
dB
0.50
0.37
0.39
0.6
0.07
21.16
0.90
0.41
0.381
26.3
0.06
18.36
1.00
0.41
0.38
32.9
0.06
18.19
1.50
0.46
0.38
63.6
0.05
15.96
1.80
0.48
0.385
80
0.05
15.43
2.00
0.5
0.39
90.1
0.05
14.56
2.50
0.54
0.407
112.8
0.04
13.29
3.00
0.59
0.431
132
0.04
12.18
4.00
0.67
0.492
161.3
0.03
10.4
5.00
0.76
0.565
-179
0.02
8.94
6.00
0.85
0.638
-166
0.02
7.96
7.00
0.93
0.702
-156.9
0.04
7
8.00
1.02
0.747
-148.9
0.07
6.16
9.00
1.11
0.762
-139
0.11
5.8
10.00
1.19
0.737
-124.5
0.18
4.89
Figure 18. MSG/MAG and |S21|
2 vs.
Frequency at 2 V , 40 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
30
20
10
0
-10
|S21|
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com