Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-331M4 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-331M4
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-331M4 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-331M4 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-331M4 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5989-4216EN
AV02-3621EN - June 14, 2012
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
Note: Px represents Package Marking Code.
Device orientation is indicated by package marking.
Device Orientation for Outline 4T, MiniPak 1412
Tape Dimensions
P
P0
P2
F
W
C
D1
D
E
A0
5
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
5
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
1.40
± 0.05
1.63
± 0.05
0.80
± 0.05
4.00
± 0.10
0.80
± 0.05
0.055
± 0.002
0.064
± 0.002
0.031
± 0.002
0.157
± 0.004
0.031
± 0.002
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50
± 0.10
4.00
± 0.10
1.75
± 0.10
0.060
± 0.004
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.254
± 0.02
0.315 + 0.012 - 0.004
0.010
± 0.0008
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.40
± 0.10
0.062
± 0.001
0.213
± 0.004
0.0024
± 0.00004
COVER TAPE
A0
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com