Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1024 Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD1024 Datasheet HTML 1Page - LDT Co., Ltd LD1024 Datasheet HTML 2Page - LDT Co., Ltd LD1024 Datasheet HTML 3Page - LDT Co., Ltd LD1024 Datasheet HTML 4Page - LDT Co., Ltd LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ver2.1
2
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
DESCRIPTION
The LD1024 is a 16-channel, constant current sink LED driver. Each channel can be turned on/off by writing serial
data to an internal register. The constant current value of all 16 channels is set by a single external resistor.
The LD1024 has two error detection circuits: one for LED open detection (LOD) and one for a pre-thermal
warning (PTW). LOD detects a broken or disconnected LED and LEDs shorted to GND while the constant current
output is on. PTW indicates a high temperature condition.
FEATURES
• 16 Channels, Constant Current Sink Output with On/Off Control
 45-mA Capability (Constant Current Sink)
 10-ns High-Speed Constant Current Switching Transient Time
• Low On-Time Error
• LED Power-Supply Voltage up to 5V
• VDD = 3.0 V to 5.5 V
• Constant Current Accuracy:.
- Pin to Pin Deviation Typ ±1.0%, Min/Max ± 3.0%
- Chip to Chip Deviation Typ ±3.0%, Min ± 6.0%
• CMOS Logic Level I/O
 35-MHz Data Transfer Rate
• 20-ns OEB Pulse Width
• Readable Error Information:
• LED Open Detection (LOD)
• Pre-Thermal Warning (PTW)
• Operating Temperature: –40°C to +85°C
PART NUMBER
PACKAGE
Ta
LD1024-SS
24 SSOP
-40°C to 85 °C
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com