Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1024 Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 9Page - LDT Co., Ltd LD1024 Datasheet HTML 10Page - LDT Co., Ltd LD1024 Datasheet HTML 11Page - LDT Co., Ltd LD1024 Datasheet HTML 12Page - LDT Co., Ltd LD1024 Datasheet HTML 13Page - LDT Co., Ltd LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Ver2.1
13
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
VDD
GND
tWH
tWL
50%
INPUT(1)
tWH0 ,t tWL0, tWH1,tWH2, tWL2:
VDD
GND
CLK
INPUT(1)
50%
tSU0, tSU1, tH0, tH1:
VDD
GND
DATA/CONTROL
INPUT(1)
50%
tH
tSU
90%
50%
10%
50%
tD
tR or tF
VOH or VOUTn
VOL or VOUTn
VDD
GND
tR0, tR1, tF0, tF1, tD0, tD1, tD2:
INPUT(1)
OUTPUT
Figure 4. Output Timing
Figure 3. Input Timing
(1) Input rise and fall time is 1ns to 3ns
(1) Input rise and fall time is 1ns to 3ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com