Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1024 Datasheet(PDF) 21 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 21 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 14Page - LDT Co., Ltd LD1024 Datasheet HTML 15Page - LDT Co., Ltd LD1024 Datasheet HTML 16Page - LDT Co., Ltd LD1024 Datasheet HTML 17Page - LDT Co., Ltd LD1024 Datasheet HTML 18Page - LDT Co., Ltd LD1024 Datasheet HTML 19Page - LDT Co., Ltd LD1024 Datasheet HTML 20Page - LDT Co., Ltd LD1024 Datasheet HTML 21Page - LDT Co., Ltd LD1024 Datasheet HTML 22Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Ver2.1
21
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
STATUS INFORMATION DATA (SID)
The latched LED open detection (LOD) error and pre-thermal warning (PTW) in the SID data latch are shifted out
onto the DOUT pin with each rising edge of CLK. If a PTW is reported, all LOD error bits are set to '1'. The SID
data are written over the data in the on/off control shift register at the rising edge of LAT. Therefore, the previous
data in the on/off control shift register are lost when SID information is latched in. Figure 20 shows the SID bit
assignments. See Figure 7 for the read timing of SID.
When the IC is powered on, the initial LOD data are invalid. Therefore, LOD data must be read after the rising
edge of OEB. Table 3 shows a truth table for LOD and PTW
CONDITION
SID DATA
LED open detection
(LODn)
LED is connected (VOUTn > VLOD)
'0' (low level at DOUT)
(VOUTn ≤ VLOD and output on)
'1' (high level at DOUT); set to the
bit that has an LED error condition
Pre-thermal
Warning(PTW)
IC temperature is low (IC temperature ≤ T(PTW) )
Depend LED open error
IC temperature is high (IC temperature > T(PTW))
All bits = '1' (high level at DOUT)
Table 2. LOD and PTW Truth Table
Figure 15. Status Information Data Configuration
OUT15
LOD Data
(LOD 15)
15
OUT15
LOD Data
(LOD 14)
14
OUT15
LOD Data
(LOD 13)
13
OUT15
LOD Data
(LOD 12)
12
OUT15
LOD Data
(LOD 3)
OUT15
LOD Data
(LOD 2)
OUT15
LOD Data
(LOD 1)
OUT15
LOD Data
(LOD 0)
3
2
1
0
LSB
MSB
11
4
On/Off Data
for
OUT15
15
On/Off Data
for
OUT14
14
On/Off Data
for
OUT13
13
On/Off Data
for
OUT12
12
On/Off Data
for
OUT3
On/Off Data
for
OUT2
On/Off Data
for
OUT1
On/Off Data
for
OUT0
3
2
1
0
LSB
MSB
11
4
DIN
CLK
SID Data Latch (1 Bit x 16
Channels)
SID Control Shift Register (1 Bit x 16 Channels)
All Bits Become ‘1’ When the IC is in a PTW (Pre-Thermal Warning)
Condition
DOUT
The 16 bits in the SID latch are loaded into the on/off shift register at the rising edge of LAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com