Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1940EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1940EEE
Description  Triple USB Switch with Autoreset and Fault Blanking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1940EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1940EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Triple USB Switch with Autoreset and
Fault Blanking
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN_ = 5V, CIN_ = 0.1µF, COUT_ = 1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FAULT_ Output Low Voltage
VOL
ISINK = 1mA, VIN_ = 4V
0.4
V
FAULT_ Output High Leakage
Current
VIN_ = VFAULT_ = 5.5V
1
µA
OUT_ Autoreset Current
In latched off state, VOUT_ = 0
1025
45mA
OUT_ Autoreset Threshold
In latched off state, OUT_ rising
0.4
0.5
0.6
V
OUT_ Autoreset Blanking Time
In latched off state, VOUT_ > 0.5V
10
20
35
ms
ELECTRICAL CHARACTERISTICS
(VIN_ = 5V, CIN_ = 0.1µF, COUT_ = 1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Supply Voltage Range
VIN_
4.0
5.5
V
Switch On-Resistance
RON
Each switch
135
m
Ω
Standby Supply Current
All switches disabled
10
µA
One switch enabled, IOUT_ = 0
75
Two switches enabled, IOUT_ = 0
90
Quiescent Supply Current
IIN_
All switches enabled, IOUT_ = 0
100
µA
OUT_ Off-Leakage Current
ILKG
All switches disabled, VOUT_ = 0
10
µA
Undervoltage Lockout Threshold
VULVO
Rising edge, 3% hysteresis
3.0
3.8
V
Continuous Load Current
500
mA
Continuous Current Limit
ILIM
VIN_ - VOUT_ = 0.5V
0.7
1.2
A
Short-Circuit Current Limit
ISC
VOUT_ = 0 (IOUT_ pulsing)
0.9
1.6
APK
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT_ asserted
10
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT_ asserted
7.5
35.0
ms
Turn-On Delay
tON
ROUT_ = 10
Ω, does not include rise time
(from ON_ to 10% of VOUT_)
0.5
4.0
ms
Turn-Off Delay
tOFF
ROUT_ = 10
Ω, does not include fall time
(from ON_ to 90% of VOUT_)
3ms
ON_, SEL Input High Level
VIH
VIN_ = 4V to 5.5V
2
V
ON_, SEL Input Low Level
VIL
VIN_ = 4V to 5.5V
0.8
V
ON_, SEL Input Leakage Current
VON_ = 0 or VIN_
-1
+1
µA
FAULT_ Output Low Voltage
VOL
ISINK = 1mA, VIN_ = 4V
0.4
V
FAULT_ Output High Leakage
Current
VIN_ = V FAULT_ = 5.5V
1
µA
OUT_ Autoreset Current
In latched off state, VOUT_ = 0
10
50
mA
OUT_ Autoreset Threshold
In latched off state, OUT_ rising
0.4
0.6
V
OUT_ Autoreset Blanking Time
In latched off state, VOUT_ > 0.5V
10
35
ms
Note 1: Short-circuit detect threshold is the output voltage at which the device transitions from short-circuit current limit to
continuous current limit.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com