Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1940EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1940EEE
Description  Triple USB Switch with Autoreset and Fault Blanking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1940EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1940EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Triple USB Switch with Autoreset and
Fault Blanking
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
ONA
Control Input for Switch A. The active polarity of ONA is set by SEL (see Table 1).
2
IN1
Power Input. Connect all IN_ inputs together and bypass with a 0.1µF ceramic capacitor to GND. Load
conditions might require additional bulk capacitance to prevent pulling IN_ down.
3
IN2
Power Input. Connect all IN_ inputs together and bypass with a 0.1µF ceramic capacitor to GND. Load
conditions might require additional bulk capacitance to prevent pulling IN_ down.
4
IN3
Power Input. Connect all IN_ inputs together and bypass with a 0.1µF ceramic capacitor to GND. Load
conditions might require additional bulk capacitance to prevent pulling IN_ down.
5
ONB
Control Input for Switch B. The active polarity of ONB is set by SEL (see Table 1).
6
IN4
Power Input. Connect all IN_ inputs together and bypass with a 0.1µF ceramic capacitor to GND. Load
conditions might require additional bulk capacitance to prevent pulling IN_ down.
7
IN5
Power Input. Connect all IN_ inputs together and bypass with a 0.1µF ceramic capacitor to GND. Load
conditions might require additional bulk capacitance to prevent pulling IN_ down.
8
ONC
Control Input for Switch C. The active polarity of ONC is set by SEL (see Table 1).
9
FAULTC
Fault Indicator Output for Switch C. Open-drain output asserts low when switch C enters thermal shutdown,
undervoltage lockout, or a sustained (>20ms) current-limit or short-circuit condition.
10
OUTC
Power Output for Switch C. Bypass OUTC to GND with a 1µF ceramic capacitor. Load conditions might
require additional bulk capacitance. When disabled, OUTC goes into a high-impedance state.
11
SEL
Logic Input Polarity Select. SEL sets the active polarity of the ON_ inputs. Connect SEL high to set active-
high inputs. Connect SEL to GND to set active-low inputs.
12
FAULTB
Fault Indicator Output for Switch B. Open-drain output asserts low when switch B enters thermal shutdown,
undervoltage lockout, or enters a sustained (>20ms) current-limit or short-circuit condition.
13
OUTB
Power Output for Switch B. Bypass OUTB to GND with a 1µF ceramic capacitor. Load conditions might
require additional bulk capacitance. When disabled, OUTB goes into a high-impedance state.
14
GND
Ground
15
OUTA
Power Output for Switch A. Bypass OUTA to GND with a 1µF ceramic capacitor. Load conditions might
require additional bulk capacitance. When disabled, OUTA goes into a high-impedance state.
16
FAULTA
Fault Indicator Output for Switch A. Open-drain output asserts low when switch A enters thermal shutdown,
undervoltage lockout, or a sustained (>20ms) current-limit or short-circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com