Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1940EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1940EEE
Description  Triple USB Switch with Autoreset and Fault Blanking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1940EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1940EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1940EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1940 triple current-limited switch with auto-
reset supplies a guaranteed 500mA load per channel in
accordance with USB specifications. The MAX1940
operates from a 4V to 5.5V input supply and consumes
only 60µA of quiescent current when operating and only
3µA in standby. Selectable active-high/active-low con-
trol logic and independent shutdown controls for each
channel provide additional flexibility. An autoreset fea-
ture latches the switch off in the event of a short circuit,
saving system power. The switch reactivates upon
removal of the shorted condition.
The MAX1940 provides several safety features to pro-
tect the USB port. Built-in thermal-overload protection
turns off the switch when the die temperature exceeds
+160°C. Accurate internal current-limiting circuitry pro-
tects the input supply against both overload and short-
circuit conditions. Independent open-drain fault signals
(FAULTA, FAULTB, and FAULTC) notify the micro-
processor when a thermal-overload, current-limit,
undervoltage lockout (UVLO), or short-circuit fault
occurs. A 20ms fault-blanking feature enables the cir-
cuit to ignore momentary faults, such as those caused
when hot-swapping a capacitive load, preventing false
alarms to the host system. The fault-blanking feature
also prevents fault signals from being issued when the
device powers up the load.
The MAX1940 is available in a space-saving 16-pin
QSOP package and operates over the extended (-40°C
to +85°C) temperature range.
Applications
Features
o Triple USB Switch in Tiny 16-Pin QSOP Package
o Autoreset Feature Saves System Power
o Guaranteed 500mA Load Current per Channel
o Built-In 20ms Fault-Blanking Circuitry
o Active-High/Active-Low Control Logic
o Fully Compliant to USB Specifications
o 4V to 5.5V Input Voltage Range
o Independent Shutdown Control
o Independent Fault Indicator Outputs
o Thermal-Overload Protection
o 3µA Standby Current
o UL Certification Pending
Triple USB Switch with Autoreset and
Fault Blanking
________________________________________________________________ Maxim Integrated Products
1
IN1
IN2
IN3
IN4
IN5
ONA
ONB
ONC
SEL
FAULTA
FAULTB
FAULTC
OUTA
OUTB
OUTC
GND
MAX1940
INPUT
4V TO 5.5V
USB
PORT A
USB
PORT B
USB
PORT C
ACTIVE-HIGH/ACTIVE-LOW
SELECTABLE
Typical Operating Circuit
Ordering Information
19-2497; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1940EEE
-40°C to +85°C
16 QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ONA
FAULTA
OUTA
GND
OUTB
FAULTB
SEL
OUTC
FAULTC
TOP VIEW
MAX1940
QSOP
IN1
IN2
IN4
IN3
ONB
IN5
ONC
Pin Configuration
USB Ports
USB Hubs
Notebook Computers
Desktop Computers
PDAs and Palmtop
Computers
Docking Stations


Similar Part No. - MAX1940EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results

Similar Description - MAX1940EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com