Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2685EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2685EEE Datasheet HTML 1Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(MAX2685 EV kit, VCC = V SHDN = +3V, fLNAIN = fMIXIN = 880MHz, fLO = 960MHz, PLNAIN = -30dBm, PLO = -8dBm, PMIXIN = -25dBm,
differential IFOUT operation, Zo = 50Ω, TA = +25°C, unless otherwise noted.)
-12
-6
-8
-10
-4
-2
0
2
4
6
8
60
70
80
90
100
MIXER GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
BANDWIDTH DETERMINED BY
DIFFERENTIAL-TO-SINGLE-ENDED
CONVERTER CIRCUIT
GAIN = HIGH
GAIN = LOW
0
2
1
4
3
6
5
7
-15
-10
-5
0
MIXER GAIN vs. LO POWER
LO POWER (dBm)
GAIN = HIGH
GAIN = LOW
10.0
11.5
11.0
10.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
-15
-10
-5
0
MIXER NOISE FIGURE vs. LO POWER
LO POWER (dBm)
GAIN = HIGH
GAIN = LOW
-15
-12
-13
-14
-10
-11
-6
-7
-8
-9
-5
750
800
850
900
950
1000 1050 1100
LO PORT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com