Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2685EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Detailed Description
The MAX2685 consists of five major components: a
low-noise amplifier (LNA), an LNA bypass switch, a
downconverter mixer, a local-oscillator (LO) buffer, and
a power-management block.
Low-Noise Amplifier (LNA)
The LNA is a wideband, single-ended cascode amplifi-
er that operates over a wide range of frequencies. The
input of the LNA (LNAIN) requires an appropriate
matching network and a DC-blocking capacitor. The
typical operating circuit shown in Figure 1 is optimized
for frequencies around 880MHz, requiring only a 0.1µF
capacitor in series with a 12nH inductor. See Table 1
for the LNA “S” parameters for matching to other fre-
quencies.
The output of the LNA (LNAOUT) is internally biased to
VCC. It is internally matched to 50
Ω and incorporates
an internal DC-blocking capacitor.
LNA Bypass Switch
and Gain Control
When a large input signal is present, enable the LNA
bypass function to increase linearity and reduce supply
current. Set GAIN low to enable the LNA bypass func-
tion.
Receive Mixer
The downconverter mixer is a wideband, single-bal-
anced design with a low noise figure and high linearity.
The RF signal at the MIXIN port is mixed with the signal
at the LO port, and is downconverted to an IF frequen-
cy at the differential IF port.
RF Input
The MIXIN input requires a simple external matching
network and a series DC-blocking capacitor. See
Figure 1 for a matching network example, optimized for
880MHz operation. Table 2 lists mixer “S” parameters
for matching to other frequencies.
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
_______________________________________________________________________________________
7
Table 1. LNA Typical S-Parameters (VCC = +3V, TA = +25°C)
|S11|
MAG
FREQUENCY
(MHz)
800
0.761
S11
PHASE
(degrees)
-64.5
|S21|
MAG
S21
PHASE
(degrees)
177.9
4.98
|S12|
MAG
S12
PHASE
(degrees)
-163.7
|S22|
MAG
S22
PHASE
(degrees)
-107.3
0.376
0.018
-68.6
167.2
5.06
-167.1
840
0.753
-107.0
0.264
0.022
-73.2
156.6
5.07
-171.3
880
0.747
-94.6
0.172
0.026
-78.0
146.6
4.91
-175.7
920
0.733
-62.9
0.149
0.030
-82.8
137.7
4.68
178.0
960
0.719
-42.4
0.200
0.035
-87.5
130.3
4.40
171.0
1000
0.693
-38.8
0.263
0.039
-45.6
73.0
0.188
71.9
800
0.625
-91.3
0.483
0.191
-48.1
65.5
0.195
64.2
840
0.621
-91.3
0.423
0.198
-50.9
58.1
0.199
56.7
880
0.619
-89.9
0.370
0.201
-53.3
51.6
0.200
50.3
920
0.611
-86.1
0.337
0.202
-55.5
46.1
0.200
44.7
960
0.608
-80.9
0.322
0.201
-57.5
41.2
0.200
40.0
1000
0.607
-76.7
0.317
0.200
High-Gain Mode (GAIN = VCC)
Low-Gain Mode (GAIN = GND)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com