Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2685EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2685EEE
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2685EEE Datasheet HTML 2Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 3Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 4Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 5Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 6Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 7Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 8Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 9Page - Maxim Integrated Products MAX2685EEE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
6
_______________________________________________________________________________________
Pin Description
NAME
FUNCTION
1, 3, 8,
11, 12, 14
GND
Ground. Connect to ground plane with a low-inductance connection.
2
LNAIN
RF Input to LNA and LNA Bypass Switch. Requires an external matching network and a series
DC-blocking capacitor.
PIN
4
GAIN
Gain Control Logic-Level Input. Drive high to enable the LNA, open the LNA bypass switch, and
increase the receiver’s gain. Drive low to disable the LNA, close the LNA bypass switch, and reduce
the receiver’s gain.
5, 15
VCC
Supply Voltage. Bypass VCC to GND at each pin with a 47pF capacitor as close to the pin as possible.
6
SHDN
Shutdown Control Logic-Level Input. Drive high or connect to VCC for normal operation. Drive low to
place the device in low-power shutdown mode.
7
LO
Local-Oscillator Input to Downconverter Mixer. Requires a series DC-blocking capacitor and an imped-
ance-setting resistor (typically 75
Ω to ground).
9
IFOUT-
Inverting Side to Downconverter Mixer’s Differential Open-Collector IF Output. Requires a pull-up induc-
tor to VCC for proper biasing, as well as a matching network to ensure optimum output power.
10
IFOUT+
Noninverting Side of Downconverter Mixer’s Differential Open-Collector IF Output. Requires a pull-up
inductor to VCC for proper biasing, as well as a matching network to ensure optimum output power.
13
MIXIN
RF Input to Downconverter Mixer. Requires an external matching network and series DC-blocking
capacitor.
16
LNAOUT
LNA Output. Internally matched to 50
Ω. LNAOUT has an internal blocking capacitor.
LNA
INPUT
880MHz
MAX2685
6pF
6pF
3.3pF
300pF
300pF
LNA
OUTPUT
MIXER
INPUT
880MHz
47pF
12pF
IF
OUTPUT
80MHz
1
2
3
4
5
0.1
µF
12nH
6
7
330pF
75
Ω
8
12
13
14
15
16
11
10
9
GND
LNAOUT
MIXIN
GND
*OPTIONAL FOR BROADBAND MATCH.
R*
IFOUT-
IFOUT+
680nH
820nH
LO
LNAIN
VCC
VCC
VCC
VCC
47pF
GAIN
VCC
SHDN
GND
GND
GND
GND
GAIN-
CONTROL
INPUT
SHUTDOWN
INPUT
1000pF
LO
INPUT
960MHz
Figure 1. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com