Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2199V Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2199V
Description  SRS 3D SURROUND AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2199V Datasheet(HTML) 2 Page - New Japan Radio

  NJM2199V Datasheet HTML 1Page - New Japan Radio NJM2199V Datasheet HTML 2Page - New Japan Radio NJM2199V Datasheet HTML 3Page - New Japan Radio NJM2199V Datasheet HTML 4Page - New Japan Radio NJM2199V Datasheet HTML 5Page - New Japan Radio NJM2199V Datasheet HTML 6Page - New Japan Radio NJM2199V Datasheet HTML 7Page - New Japan Radio NJM2199V Datasheet HTML 8Page - New Japan Radio NJM2199V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2199
- 2 -
s
s
s
sABSOLUTE MAXIMUM RATING (Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
15
V
Power Dissipation
P
D
(DIP14)
500
(DMP14)
350
(SSOP14)
300
mW
Operating Temperature Range
T
opr
-40 to
+85
°C
Storage Temperature Range
T
stg
-40 to +125
°C
s
s
s
sELECTRICAL CHARACTERISTICS (V+=12V,Ta=25
°C, V
IN=-10dBV(316mVrms) unless otherwise noted)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
LR
OUTPUT
MODE
WIDTH
VOLUME
MIN.
TYP.
MAX.
UNIT
Operating
Voltage
V+
-
-
-
-
-
4.7
12.0
13.0
V
-
-
-
BYPASS
-
2.9
5.7
8.6
Operating
Current
I
cc
No Signal
--
-
3D
Stereo
MAX
2.9
5.7
8.6
mA
Reference
Voltage
V
REF
V+/2
-
-
-
-
-
5.8
6.0
6.2
V
f=1kHz
T.H.D.=3%
V
IN
-
-
V
IN
L
R
BYPASS
-
10.0
(2.51)
12.0
(3.98)
-
f=125Hz
T.H.D.=3%
V
IN
-
-
V
IN
L
R
3D
Stereo
MAX
-1.5
(0.84)
0.50
(1.08)
-
f=125Hz
T.H.D.=3%
V
IN
-
-
V
IN
L
R
3D
Stereo
MIN
-
11.5
(3.76)
-
f=125Hz
T.H.D.=3%
-
V
IN
V
IN
-
L
R
3D
Stereo
MAX
-
0.45
(1.05)
-
f=125Hz
T.H.D.=3%
V
IN
V
IN
V
IN
V
IN
L
R
3D
Stereo
MAX
-
11.9
(3.94)
-
Maximum
Input Voltage
V
INMAX
f=125Hz
T.H.D.=3%
V
IN
V
IN
-V
IN
-V
IN
L
R
3D
Stereo
MAX
-7.50
(0.42)
-5.50
(0.53)
-
dBV
(Vrms)
Channel
Valance
CH
BAL
f=1kHz
L-R Output
-
V
IN
V
IN
-
L
R
3D
Stereo
MAX
-1.0
0.0
1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com