Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2199V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2199V
Description  SRS 3D SURROUND AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2199V Datasheet(HTML) 1 Page - New Japan Radio

  NJM2199V Datasheet HTML 1Page - New Japan Radio NJM2199V Datasheet HTML 2Page - New Japan Radio NJM2199V Datasheet HTML 3Page - New Japan Radio NJM2199V Datasheet HTML 4Page - New Japan Radio NJM2199V Datasheet HTML 5Page - New Japan Radio NJM2199V Datasheet HTML 6Page - New Japan Radio NJM2199V Datasheet HTML 7Page - New Japan Radio NJM2199V Datasheet HTML 8Page - New Japan Radio NJM2199V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P R ELI M I N ARY
NJM2199
- 1 -
SRS 3D SURROUND AUDIO PROCESSOR
The SRS technology right incorporated in the NJM2199 are owned by SRS Labs, a U.S. Corporation and licensed to New Japan
Radio Co., Ltd. SRS is protected under U.S. and foreign patents issued and/or pending. SRS and the
, are trademarks of SRS
Labs, Inc. in the United States and selected foreign countries. Neither the purchase of the NJM2199, nor the corresponding sale of
audio enhancement equipment conveys the right to sell commercialized recordings made with any SRS technology.
SRS Labs requires that all users of the NJM2199 must enter into a license agreement directly with SRS Labs if the royalty is not
included in the purchase price. SRS Labs also requires any users to comply with all rules and regulations as outlined in the SRS
Trademark Usage Manual.
For further information, please contact:
SRS Labs, Inc.
2909 Daimler Street. Santa Ana, CA 92705 USA
Tel:714-442-1070
Fax:714-852-1099
http://www.srslabs.com
s
s
s
sGENERAL DESCRIPTION
The NJM2199 is a SRS 3D surround audio processor
regenerating the 3D surround sound with two speakers.
It regenerates 3D surround sound from stereo input
only.
The features of wide operating voltage range, wide
dynamic range, low output noise are suitable for any
audio applications.
s
s
s
sFEATURES
q Operating Voltage
(4.7 to 13V)
q Low Supply Current
(5.7mA typ. at 3D Stereo mode)
q Low Output Noise
(32µVrms typ. at 3D Stereo mode)
q BYPASS Gain
(0dB typ.)
q BYPASS FUNCTION
(Through)
q WIDTH control
q Internal Mode Control Switch
(2bit)
q Bipolar Technology
q Package Outline
DIP14, DMP14, SSOP14
s
s
s
sPACKAGE OUTLINE
NJM2199D
NJM2199M
NJM2199V


Similar Part No. - NJM2199V

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2199V NISSHINBO-NJM2199V Datasheet
221Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
Ver.2026-04-03
More results

Similar Description - NJM2199V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
SRS Headphone 3D SURROUND PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
AUDIO PROCESSOR with SRS 3D STEREO
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com