Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2199V Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2199V
Description  SRS 3D SURROUND AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2199V Datasheet(HTML) 3 Page - New Japan Radio

  NJM2199V Datasheet HTML 1Page - New Japan Radio NJM2199V Datasheet HTML 2Page - New Japan Radio NJM2199V Datasheet HTML 3Page - New Japan Radio NJM2199V Datasheet HTML 4Page - New Japan Radio NJM2199V Datasheet HTML 5Page - New Japan Radio NJM2199V Datasheet HTML 6Page - New Japan Radio NJM2199V Datasheet HTML 7Page - New Japan Radio NJM2199V Datasheet HTML 8Page - New Japan Radio NJM2199V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJM2199
- 3 -
s
s
s
sELECTRICAL CHARACTERISTICS (V+=12V,Ta=25,
°C unless otherwise noted)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
LR
OUTPUT
MODE
WIDTH
VOLUME
MIN.
TYP.
MAX.
UNIT
Rg=0
Ω
A-Weighte
00
L
R
BYPASS
-
-
-110
(3.16)
-95
(17.8)
Output Noise
V
NOISE
Rg=0
Ω
A-Weighte
00
L
R
3D
Stereo
MAX
-
-90
(31.6)
-85
(56.2)
dB
(µVrms)
f=1kHz
V
IN
-
-
V
IN
L
R
BYPASS
-
-
0.005
0.01
Total
Harmonic
Distortion
T.H.D
f=1kHz
V
IN
-
-
V
IN
L
R
3D
Stereo
MAX
-
0.1
1.0
%
Bypass Gain
G
Bypass
f=1kHz
V
IN
-
-
V
IN
L
R
BYPASS
-
-1.0
0.0
1.0
dB
f=125Hz
V
IN
-
-
V
IN
L
R
3D
Stereo
MAX
9.4
11.4
13.4
f=125Hz
V
IN
-
-
V
IN
L
R
3D
Stereo
MIN
-1.5
0.5
2.5
SRS Gain
G
SRS
f=125Hz
-
V
IN
V
IN
-
L
R
3D
Stereo
MAX
6.8
8.8
10.8
dB
V
IN =
High Level
--
-
-
-
2.0
-
V+
Mode Select
Control
Voltage
V
MODE
V
IN =
Low Level
-
-
-
-
-
0.0
-
0.7
V
s
s
s
sMODE SWITCH
MODE
MODE
BYPASS
L
3D Stereo
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com