Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCZ Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCZ
Description  Comply with the RoHS directive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCZ Datasheet(HTML) 2 Page - jb Capacitors Company

  JCZ Datasheet HTML 1Page - jb Capacitors Company JCZ Datasheet HTML 2Page - jb Capacitors Company JCZ Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS(Unit: mm)
ØD×L
4×5.8
5×5.8
6.3×5.8/7.7
8×6.2
8×10.5
10×10.5/13.5
12.5×13.5/16
16×16.5
A
2.0
2.2
2.6
3.4
3.0
3.3
4.9
5.8
B
4.3
5.3
6.6
8.4
8.4
10.4
13.0
17.0
C
4.3
5.3
6.6
8.4
8.4
10.4
13.0
17.0
E ± 0.2
1.0
1.4
1.9
2.3
3.1
4.7
4.7
6.4
L
5.8
5.8
5.8/7.7
6.2
10.5
10.5/13.5
13.5/16
16.5
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
WV
Cap. (μF)
6.3
10
16
0J
1A
1C
10
100
4×5.4
1.8
80
15
150
4×5.4
1.8
80
22
220
4×5.4
1.8
80
4×5.4
1.8
80
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
33
330
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
6.3×5.4
(
5×5.4)
0.44
(
0.76)
230
(150)
47
470
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
56
560
5×5.4
0.76
150
6.3×5.4
0.44
230
6.3×5.4
0.44
230
68
680
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
0.44
230
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
100
101
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
150
151
6.3×5.4
0.44
230
6.3×7.7
0.34
280
6.3×7.7
0.34
280
220
221
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(8×6.2)
0.34
(0.34)
280
(280)
8×10.5
(6.3×7.7)
0.17
(0.34)
450
(280)
330
331
6.3×7.7
(8×6.2)
0.34
(0.34)
280
(280)
8×10.5
0.17
450
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
470
471
8×10.5
0.17
450
8×10.5
0.17
450
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
680
681
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
10×10.5
0.09
670
10×13.5
(10×10.5)
0.075
(0.09)
800
(670)
1000
102
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
10×10.5
0.09
670
16×16.5
(12.5×16)
(12.5×13.5)
0.055
(0.06)
(0.065)
1350
(1050)
(900)
1500
152
10×13.5
(10×10.5)
0.075
(0.09)
800
(670)
12.5×13.5
0.065
900
16×16.5
0.055
1350
2200
222
12.5×13.5
0.065
900
12.5×16
0.060
1050
16×16.5
0.055
1350
3300
332
12.5×16
0.060
1050
16×16.5
0.055
1350
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple Current
(mA rms) at 105℃
100kHz
4700
472
16×16.5
0.055
1350
SMD Aluminum Electrolytic Capacitor – JCZ
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com