Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCZ Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JCZ
Description  Comply with the RoHS directive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCZ Datasheet(HTML) 3 Page - jb Capacitors Company

  JCZ Datasheet HTML 1Page - jb Capacitors Company JCZ Datasheet HTML 2Page - jb Capacitors Company JCZ Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
WV
Cap. (μF)
25
35
50
1E
1V
1H
4.7
4R7
4×5.4
1.8
80
5×5.4
(4×5.4)
1.52
(3.0)
85
(60)
10
100
4×5.4
1.8
80
5×5.4
(4×5.4)
0.76
(1.8)
150
(80)
6.3×5.4
(5×5.4)
0.88
(1.52)
165
(85)
15
150
5×5.4
0.76
150
5×5.4
0.76
150
6.3×5.4
0.88
165
22
220
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.68
(0.88)
(0.68)
185
(165)
(185)
33
330
6.3×5.4
(5×5.4)
0.44
(0.76)
230
(150)
6.3×5.4
(8×6.2)
0.44
(0.34)
230
(280)
6.3×7.7
(8×6.2)
0.68
(0.68)
185
(185)
47
470
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(6.3×5.4)
(8×6.2)
0.34
(0.44)
(0.34)
280
(230)
(280)
6.3×7.7
(8×6.2)
0.68
(0.68)
185
(185)
56
560
6.3×7.7
(6.3×5.4)
0.34
(0.44)
280
(230)
6.3×7.7
0.34
280
8×10.5
(6.3x7.7)
0.34
(0.68)
350
(185)
68
680
6.3×7.7
0.34
280
6.3×7.7
0.34
280
8×10.5
0.34
350
100
101
6.3×7.7
(8×6.2)
0.34
(0.34)
280
(280)
8×10.5
0.17
450
10×10.5
(8×10.5)
0.18
(0.34)
670
(350)
150
151
8×10.5
(6.3×7.7)
0.17
(0.34)
450
(280)
10×10.5
0.09
670
10×10.5
0.18
670
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple
Current
(mA rms) at
105℃
100kHz
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
WV
Cap. (μF)
25
35
50
1E
1V
1H
220
221
8×10.5
0.17
450
10×10.5
0.09
670
10×13.5
(10×10.5)
0.16
(0.18)
750
(670)
330
331
10×10.5
(8×10.5)
0.09
(0.17)
670
(450)
10×10.5
0.09
670
12.5×13.5
0.14
800
470
471
10×13.5
(10×10.5)
0.075
(0.09)
800
(670)
12.5×13.5
(10×13.5)
0.065
(0.075)
900
(800)
16×16.5
(12.5×16)
0.10
(0.12)
1150
(900)
680
681
12.5×13.5
0.065
900
12.5×16
(12×13.5)
0.060
(0.065)
1050
(900)
1000
102
16×16.5
(12.5×16)
0.055
0.060
1350
(1050)
16×16.5
0.055
1350
1500
152
16×16.5
0.055
1350
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple Current
(mA rms) at
105℃ 100kHz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz
Coefficient
Ø4~Ø10
4.7~68µF
0.35
0.50
0.64
0.83
1.00
100~1500µF
0.40
0.55
0.70
0.85
1.00
Ø12.5~Ø16
~
680µF
0.45
0.65
0.80
0.90
1.00
1000~4700µF
0.65
0.85
0.95
1.00
1.00
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCZ
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com